Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT100GN60B2G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APT100GN60B2G
Description  Power Semiconductors Power Modules RF Power MOSFETs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT100GN60B2G Datasheet(HTML) 5 Page - Microsemi Corporation

  APT100GN60B2G Datasheet HTML 1Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 2Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 3Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 4Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 5Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 6Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 7Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 8Page - Microsemi Corporation APT100GN60B2G Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
Datasheets available on www.microsemi.com
All Products RoHS Compliant
TO-220[K]
TO-247[B]
T-MAX®[B2]
TO-264[L]
ISOTOP®[J]
SOT-227
C
E
G
D3 PAK[S]
Current @ Frequency Test Conditions: Tj = 125oC, Tc = 100oC except Isotop® where Tc = 80oC, Vcc = 67% rated voltage Hard Switch
Part Numbers for D3
packages -
replace "B" with
"S" in part number
Part Numbers for L
packages -
replace "B2" with
"L" in part number
THUNDERBOLT®
HIGH SPEED
THUNDERBOLT®
Insulated Gate Bipolar Transistors (IGBTs)
Power MOS 7®
and IGBT
BV
CES
V
CE(ON)
I
C2
Maximum I
C
Package
Volts
Typ 25oC
100oC
at Frequency
Part Number
Style
1.5
24
15
10
APT20GN60BDQ1G
TO-247
1.5
37
20
14
APT30GN60BDQ2G
TO-247
1.5
64
30
21
APT50GN60BDQ2G
TO-247
600
1.5
93
42
30
APT75GN60LDQ3G
TO-264
1.5
123
75
47
APT150GN60JDQ4
ISOTOP®
1.5
135
54
39
APT100GN60LDQ4G
TO-264
1.5
190
79
57
APT150GN60LDQ4G
TO-264
1.5
158
100
66
APT200GN60JDQ4
ISOTOP®
1.7
22
14
10
APT15GN120BDQ1G
TO-247 or D3
1.7
33
19
13
APT25GN120B2DQ2G
T-MAX®
1.7
46
24
17
APT35GN120L2DQ2G
264-MAX™
1200
1.7
57
36
22
APT75GN120JDQ3
ISOTOP®
1.7
66
32
22
APT50GN120L2DQ2G
264-MAX™
1.7
70
44
27
APT100GN120JDQ4
ISOTOP®
1.7
99
60
36
APT150GN120JDQ4
ISOTOP®
3.3
33
19
12
APT25GP120BG
T0-247
3.3
46
24
15
APT35GP120BG
T0-247
3.3
54
29
18
APT45GP120BG
T0-247
1200
3.3
34
28
18
APT45GP120J
ISOTOP
3.3
91
42
24
APT75GP120B2G
T-MAX™
3.3
57
40
23
APT75GP120J
ISOTOP
3.3
20
11
7
APT13GP120BDQ1G
T0-247
3.3
33
19
12
APT25GP120BDQ1G
T0-247
1200
3.3
46
24
15
APT35GP120B2DQ2G
T-MAX™
3.3
54
29
18
APT45GP120B2DQ2G
T-MAX™
3.3
34
28
18
APT45GP120JDQ2
ISOTOP
3.3
57
40
23
APT75GP120JDQ3
ISOTOP
2.0
20
14
10
APT20GT60BRG
TO-247
2.0
30
19
13
APT30GT60BRG
TO-247
600
2.0
40
25
16
APT40GT60BRG
TO-247
2.0
50
30
20
APT50GT60BRG
TO-247
2.0
60
35
22
APT60GT60BRG
TO-247 or D3
2.0
100
56
35
APT100GT60B2RG
T-MAX® or TO-264
2.0
200
72
--
APT200GT60JR
ISOTOP®
3.2
18
11
8
APT15GT120BRG
TO-247
3.2
25
16
11
APT25GT120BRG
TO-247
1200
3.2
50
27
17
APT50GT120B2RG
T-MAX® or TO-264
3.2
60
40
21
APT100GT120JR
ISOTOP®
3.2
90
52
25
APT150GT120JR
ISOTOP®
2.0
15
11
8
APT15GT60BRDQ1G
TO-247
2.0
20
14
10
APT20GT60BRDQ1G
TO-247
600
2.0
30
19
13
APT30GT60BRDQ2G
TO-247
2.0
50
30
20
APT50GT60BRDQ2G
TO-247 or D3
2.0
100
37
22
APT100GT60JRDQ4
ISOTOP®
3.2
18
11
8
APT15GT120BRDQ1G
TO-247
3.2
25
16
11
APT25GT120BRDQ2G
TO-247
1200
3.2
50
27
17
APT50GT120B2RDQ2G
T-MAX® or TO-264
3.2
42
34
19
APT75GT120JRDQ3
ISOTOP®
3.2
60
40
21
APT100GT120JRDQ4
ISOTOP®
600
2.8
50
23
16
APT50GS60BRG
TO-247
600
2.8
30
14
9
APT30GS60BRDQ2G
TO-247
2.8
50
23
16
APT50GS60BRDQ2G
TO-247
2.5
14
8
5
APT11GF120KRG
TO-220
2.5
20
11
7
APT20GF120KRG
TO-220
1200
2.5
35
16
10
APT33GF120BRG
TO-247
2.5
75
27
17
APT50GF120B2RG
T-MAX®
2.5
75
27
17
APT50GF120LRG
TO-264
Combi (IGBT & "DQ" FRED)
10 kHz
20 kHz
20 kHz
40 kHz
20 kHz
40 kHz
Combi (IGBT & "DQ" FRED)
SINGLE
15 kHz
30 kHz
30 kHz
60 kHz
SINGLE
20 kHz
40 kHz
30 kHz
60 kHz
Combi (IGBT & "DQ" FRED)
20 kHz
40 kHz
50 kHz
80 kHz
SINGLE
50 kHz
80 kHz
Combi (IGBT & "DQ" FRED)
15 kHz
30 kHz
SINGLE


Similar Part No. - APT100GN60B2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT100GN60B2G ADPOW-APT100GN60B2G Datasheet
395Kb / 6P
   IGBT
logo
Microsemi Corporation
APT100GN60B2G MICROSEMI-APT100GN60B2G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT100GN60B2G MICROSEMI-APT100GN60B2G Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
More results

Similar Description - APT100GN60B2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT30M85BVRG MICROSEMI-APT30M85BVRG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
logo
National Semiconductor ...
AN-2052 NSC-AN-2052 Datasheet
159Kb / 4P
   National Semiconductors Simple Switcher짰 Power Modules and EMI
logo
Seme LAB
SML100HB06 SEME-LAB-SML100HB06 Datasheet
639Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12 SEME-LAB-SML300HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML150FB12 SEME-LAB-SML150FB12 Datasheet
629Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB06 SEME-LAB-SML400HB06 Datasheet
650Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB06 SEME-LAB-SML300HB06 Datasheet
635Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com