Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI2128VE-250LTN176 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPLSI2128VE-250LTN176
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VE-250LTN176 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPLSI2128VE-250LTN176 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 12Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 13Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 14Page - Lattice Semiconductor ISPLSI2128VE-250LTN176 Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Specifications ispLSI 2128VE
11
Signal Descriptions
RESET
Active Low (0) Reset pin resets all the registers in the device.
GOE 0, GOE1
Global Output Enable input pins.
Y0, Y1, Y2
Dedicated Clock Input – These clock inputs are connected to one of the clock inputs of all the GLBs in
the device.
BSCAN
Input – Dedicated in-system programming Boundary Scan enable input pin. This pin is brought low to
enable the programming mode. The TMS, TDI, TDO and TCK controls become active.
TDI/IN 0
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a serial data input pin
to load programming data into the device. When
BSCAN is high, it functions as a dedicated input pin.
TCK/IN 3
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a clock pin for the
Boundary Scan state machine. When
BSCAN is high, it functions as a dedicated input pin.
TMS/IN 1
Input – This pin performs two functions. When
BSCAN is logic low, it functions as a mode control pin for
the Boundary Scan state machine. When
BSCAN is high, it functions as a dedicated input pin.
TDO/IN 2
Output/Input – This pin performs two functions. When
BSCAN is logic low, it functions as an output pin
to read serial shift register data. When
BSCAN is high, it functions as a dedicated input pin.
IN 4 - IN 7
Dedicated Input Pins to the device.
GND
Ground (GND)
VCC
Vcc
NC1
No Connect
I/O
Input/Output Pins – These are the general purpose I/O pins used by the logic array.
Signal Name
Description
1. NC pins are not to be connected to any active signals, VCC or GND.


Similar Part No. - ISPLSI2128VE-250LTN176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE-250LT176 LATTICE-ISPLSI2128VE-250LT176 Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128VE-250LTN176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com