Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP20051DQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20051DQ
Description  Low Noise, High PSRR, 1A Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20051DQ Datasheet HTML 1Page - Monolithic Power Systems MP20051DQ Datasheet HTML 2Page - Monolithic Power Systems MP20051DQ Datasheet HTML 3Page - Monolithic Power Systems MP20051DQ Datasheet HTML 4Page - Monolithic Power Systems MP20051DQ Datasheet HTML 5Page - Monolithic Power Systems MP20051DQ Datasheet HTML 6Page - Monolithic Power Systems MP20051DQ Datasheet HTML 7Page - Monolithic Power Systems MP20051DQ Datasheet HTML 8Page - Monolithic Power Systems MP20051DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP20051 – LOW NOISE HIGH PSRR 1A LINEAR REGULATOR
MP20051 Rev.1.11
www.MonolithicPower.com
4
12/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1, 2
VOUT
Regulator output. Bypass with a standard 4.7μF ceramic capacitor to GND. Connect all
the pins together externally.
3
FB
Feedback Input. Connect FB to the center point of the external resistor divider. The
feedback threshold voltage is 0.8V.
4
GND
Exposed pad
Ground. Connect exposed pad to GND plane for optimal thermal performance.
5
EN
Regulator Enable Control Input. Drive EN above 1.5V to turn on the MP20051. Drive EN
below 0.4V to turn it off. Do not float the EN pin.
6
NC
No Connection. Leave this NC pin open.
7, 8
VIN
Regulator Input. Supply voltage ranges from 2.5V to 5.5V. Bypass with 2.2μF capacitor.
These pins must be externally connected for proper operation even if they are internally
connected.


Similar Part No. - MP20051DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20051DQ MPS-MP20051DQ Datasheet
176Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP20051DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DN-00A MPS-EV20051DN-00A Datasheet
181Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DQ-00A MPS-EV20051DQ-00A Datasheet
176Kb / 4P
   Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MPQ20051 MPS-MPQ20051 Datasheet
463Kb / 13P
   Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
MPQ20051-AEC1 MPS-MPQ20051-AEC1 Datasheet
565Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com