Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH8D28 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # CDRH8D28
Description  2A Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CDRH8D28 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button CDRH8D28 Datasheet HTML 6Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 7Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 8Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 9Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 10Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 11Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 12Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 13Page - Skyworks Solutions Inc. CDRH8D28 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
AAT1153
2A Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201992B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
Control Loop
The AAT1153 is a peak current mode step-down con-
verter. The current through the P-channel MOSFET (high
side) is sensed for current loop control, as well as short
circuit and overload protection. A slope compensation
signal is added to the sensed current to maintain stabil-
ity for duty cycles greater than 50%. The peak current
mode loop appears as a voltage-programmed current
source in parallel with the output capacitor. The output
of the voltage error amplifier programs the current mode
loop for the necessary peak switch current to force a
constant output voltage for all load and line conditions.
Internal loop compensation terminates the transconduc-
tance voltage error amplifier output. The error amplifier
reference is fixed at 0.6V.
Soft Start / Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. The enable pin is
active high. When pulled low, the enable input (EN)
forces the AAT1153 into a low-power, non-switching
state. The total input current during shutdown is less
than 1μA.
Current Limit and
Over-Temperature Protection
For overload conditions, the peak input current is limited
to 3.5A. To minimize power dissipation and stresses
under current limit and short-circuit conditions, switch-
ing is terminated after entering current limit for a series
of pulses. The termination lasts for seven consecutive
clock cycles after a current limit has been sensed during
a series of four consecutive clock cycles.
Thermal protection completely disables switching when
internal dissipation becomes excessive. The junction
over-temperature threshold is 170°C with 10°C of hys-
teresis. Once an over-temperature or over-current fault
conditions is removed, the output voltage automatically
recovers.
Dropout Operation
When the battery input voltage decreases near the value
of the output voltage, the AAT1153 allows the main
switch to remain on for more than one switching cycle
and increases the duty cycle until it reaches 100%. The
duty cycle D of a step-down converter is defined as:
· 100%
D = T
ON · FOSC · 100%
V
OUT
V
IN
Where TON is the main switch on time and FOSC is the
oscillator frequency. The output voltage then is the input
voltage minus the voltage drop across the main switch
and the inductor. At low input supply voltage, the RDS(ON)
of the P-channel MOSFET increases, and the efficiency of
the converter decreases. Caution must be exercised to
ensure the heat dissipated does not exceed the maxi-
mum junction temperature of the IC.
Maximum Load Current
The AAT1153 will operate with an input supply voltage
as low as 2.5V, however, the maximum load current
decreases at lower input voltages due to a large IR drop
on the main switch and synchronous rectifier. The slope
compensation signal reduces the peak inductor current
as a function of the duty cycle to prevent sub-harmonic
oscillations at duty cycles greater than 50%. Conversely,
the current limit increases as the duty cycle decreases.


Similar Part No. - CDRH8D28

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH8D28 SUMIDA-CDRH8D28 Datasheet
232Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D28 SUMIDA-CDRH8D28 Datasheet
116Kb / 2P
   POWER INDUCTORS
CDRH8D28 SUMIDA-CDRH8D28 Datasheet
144Kb / 2P
   Power Inductors
CDRH8D28HP SUMIDA-CDRH8D28HP Datasheet
144Kb / 2P
   Power Inductors
CDRH8D28HPNP-100NB SUMIDA-CDRH8D28HPNP-100NB Datasheet
144Kb / 2P
   Power Inductors
More results

Similar Description - CDRH8D28

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
   2A, Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
   3MHz 2A Step-Down Converter
VER 1.1
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
   2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
   1.5MHz, 2A Step-Down Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com