Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7B-PH-K-S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B7B-PH-K-S
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B7B-PH-K-S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B7B-PH-K-S Datasheet HTML 1Page - List of Unclassifed Manufacturers B7B-PH-K-S Datasheet HTML 2Page - List of Unclassifed Manufacturers B7B-PH-K-S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PH CONNECTOR
AB
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S2B-PH-KL
S3B-PH-KL
S4B-PH-KL
S5B-PH-KL
S6B-PH-KL
S7B-PH-KL
S8B-PH-KL
S9B-PH-KL
S10B-PH-KL
S11B-PH-KL
S12B-PH-KL
S13B-PH-KL
S14B-PH-KL
S15B-PH-KL
S16B-PH-KL
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
5.9
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
400
250
250
250
250
1,000
1,000
500
500
500
500
250
250
250
250
250
250
200
200
200
B2B-PH-KL
B3B-PH-KL
B4B-PH-KL
B5B-PH-KL
B6B-PH-KL
B7B-PH-KL
B8B-PH-KL
B9B-PH-KL
B10B-PH-KL
B11B-PH-KL
B12B-PH-KL
B13B-PH-KL
B14B-PH-KL
B15B-PH-KL
B16B-PH-KL
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66, UL94V-0, gray
Circuits
Model No.
Dimensions (mm)
Top entry type
Top entry type Side entry type
Side entry type
Q'ty / box
Top entry type
Side entry type
Circuit No.1
A
B
2.975
2
1.9
5
(2)
1.4
2.2
A
B
2.95
2
1.6
(2.6)
6
Circuit No.1
Circuit No.1
4.5
1.7
B
0.5
2
A
1.95
Circuit
No.1
B
A
1.95
4.5
1.7
0.5
Side entry type
Circuit
No.1
B
4.8
1.7
3.4
0.5
1.95
A
2
Top entry type
A
B
Top entry type
Side entry type
Top entry type Side entry type
Model No.
Dimensions (mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B2B-PH-SM4-TB
B3B-PH-SM4-TB
B4B-PH-SM4-TB
B5B-PH-SM4-TB
B6B-PH-SM4-TB
B7B-PH-SM4-TB
B8B-PH-SM4-TB
B9B-PH-SM4-TB
B10B-PH-SM4-TB
B11B-PH-SM4-TB
B12B-PH-SM4-TB
B13B-PH-SM4-TB
B14B-PH-SM4-TB
B15B-PH-SM4-TB
B16B-PH-SM4-TB
S2B-PH-SM4-TB
S3B-PH-SM4-TB
S4B-PH-SM4-TB
S5B-PH-SM4-TB
S6B-PH-SM4-TB
S7B-PH-SM4-TB
S8B-PH-SM4-TB
S9B-PH-SM4-TB
S10B-PH-SM4-TB
S11B-PH-SM4-TB
S12B-PH-SM4-TB
S13B-PH-SM4-TB
S14B-PH-SM4-TB
S15B-PH-SM4-TB
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
7.95
9.95
11.95
13.95
15.95
17.95
19.95
21.95
23.95
25.95
27.95
29.95
31.95
33.95
35.95
7.9
9.9
11.9
13.9
15.9
17.9
19.9
21.9
23.9
25.9
27.9
29.9
31.9
33.9
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Circuits
Q'ty /
reel
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
(2 circuits)
(3 circuits or more)
Through-hole type shrouded header
〈Low insertion force type〉
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-PH-KL-oo-
(blank)…gray
R…red E…blue S…natural (white)
SMT type shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for the top entry type headers with suction cap.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-PH-SM4-oo-TB
(blank)…natural (ivory)
R…red E…blue M…green L…lemon yellow K…black
DPK...dark pink
3


Similar Part No. - B7B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B7B-PH-K-S ETC1-B7B-PH-K-S Datasheet
153Kb / 7P
   Disconnectable Crimp style connectors
More results

Similar Description - B7B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com