Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP24833 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP24833
Description  3A, 55V White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24833 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP24833 Datasheet HTML 6Page - Monolithic Power Systems MP24833 Datasheet HTML 7Page - Monolithic Power Systems MP24833 Datasheet HTML 8Page - Monolithic Power Systems MP24833 Datasheet HTML 9Page - Monolithic Power Systems MP24833 Datasheet HTML 10Page - Monolithic Power Systems MP24833 Datasheet HTML 11Page - Monolithic Power Systems MP24833 Datasheet HTML 12Page - Monolithic Power Systems MP24833 Datasheet HTML 13Page - Monolithic Power Systems MP24833 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP24833 – 3A, 55V WHITE LED DRIVER
MP24833 Rev. 1.0
www.MonolithicPower.com
10
05/05/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the LED Current
The external resistor sets the maximum LED
current (refer to TYPICAL APPLICATION
CIRCUIT) and value can be determined using
the equation:
SENSE
LED
0.198V
R
I
=
Setting Over-Voltage Protection
The voltage divider sets the over-voltage
protection
point
(refer
to
TYPICAL
APPLICATION CIRCUIT) through the equation:
OVP1
OVP2
OVP
OVP2
RR
V1.2V
R
+
Normally, the OVP point is setting about 10%-
30% higher than LED voltage.
Selecting
the
Inductor
(Step-Down
Application, refer to Figure 3. Please refer to
the
design
example
for
buck-boost
application)
Include an inductor with a value ranging from
10µH to 220µH with a DC current rating higher
than the maximum inductor current for most
applications. Include the DC resistance of the
inductor when estimating the output current and
the power consumption on the inductor.
For Buck converter designs, derive the required
inductance value from the following equation.
OUT
IN
OUT
IN
L
S
V(V
V
)
L
VI
f
×−
=
×Δ ×
Choose the inductor ripple current to be 30%
(usually in range of 30% to 60%) of the
maximum load current. The maximum inductor
peak current is calculated from:
L
L_peak
L_AVG
ΔI
II
2
=+
Where the IL_AVG is the average current through
the inductor, it is equal to the output load
current (LED current) for buck application.
Under light-load conditions below 100mA, use a
larger inductor for improved efficiency.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Chose an input capacitor
with a switching-frequency impedance that is
less than the input source impedance to
prevent high-frequency switching current from
passing through the input. Use ceramic
capacitors with X5R or X7R dielectrics if
possible because of their low ESR and small
temperature coefficients.
Select a capacitance that can limit the input
voltage ripple
ΔVIN, which is normally less than
5% to 10% of the DC value. For buck
application, it is:
LED
OUT
IN
OUT
IN
2
IN
s
IN
IV
(V
V
)
C
Vf
V
××
>
Δ× ×
For most applications, use a 4.7µF capacitor.
Please refer to the design example for buck-
boost application.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures a stable feedback loop.
Select an output capacitor with low impedance
at the switching frequency. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR characteristics. For buck application,
the output capacitor is selected as following
equation:
L
OUT
OUT
s
I
C
8V
f
Δ
>
Δ×
A 2.2µF to 10µF ceramic capacitor will suffice
for most applications.
Please refer to the design example for the
buck-boost application.
PC Board Layout
Place the high current paths (VSS, VDD and
SW) close to the device with short, direct and
wide traces. Place the input capacitor as close
as possible to the VDD and VSS pins as
possible. Place the external feedback resistors
next to the FB pin. Keep the switch node traces
short and away from the feedback network.


Similar Part No. - MP24833

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24833-AGN MPS-MP24833-AGN Datasheet
495Kb / 14P
   55V, 3A, White LED Driver
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
   55V, 3A, White LED Driver
More results

Similar Description - MP24833

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
   3A,55V White LED Driver
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
   55V, 3A, White LED Driver
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
   1A, 55V, Programmable Frequency White LED Driver
MP2483 MPS-MP2483 Datasheet
388Kb / 14P
   2.5A, 55V, Programmable Frequency White LED Driver
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00C MPS-EV2483DQ-00C Datasheet
162Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00A MPS-EV2483DQ-00A Datasheet
165Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
   1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00B MPS-EV2483DQ-00B Datasheet
160Kb / 5P
   2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com