Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT25GP120BDQ1G Datasheet(PDF) 9 Page - Microsemi Corporation

Part # APT25GP120BDQ1G
Description  Power Semiconductors Power Modules
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT25GP120BDQ1G Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button APT25GP120BDQ1G Datasheet HTML 5Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 6Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 7Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 8Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 9Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 10Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 11Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 12Page - Microsemi Corporation APT25GP120BDQ1G Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
Datasheets available on www.microsemi.com
All Products RoHS Compliant
BV
(DSS)
Volts
R
DS(ON)
Max
I
D
MOSFET Part #
FREDFET Part #
Package
Style
1200
4.700
3.5
APT1204R7KFLLG
T0-220
4.700
3.5
APT1204R7BFLLG
T0-247 or D3
1.400
9
APT1201R4BFLLG
T0-247
0.670
18
APT12067B2LLG
T-MAX®
0.670
17
APT12067JLL
ISOTOP®
0.570
22
APT12057B2LLG
T-MAX®
0.570
19
APT12057JLL
ISOTOP®
1000
0.900
12
APT10090BLLG
T0-247
0.780
14
APT10078BLLG
T0-247 or D3
0.450
23
APT10045B2LLG
T-MAX® or TO-264
0.450
21
APT10045JLL
ISOTOP®
0.350
28
APT10035B2LLG
T-MAX®
0.350
25
APT10035JLL
ISOTOP®
0.260
38
APT10026L2FLLG
TO-264 MAX
0.260
30
APT10026JLL
APT10026JFLL
ISOTOP®
0.210
37
APT10021JLL
APT10021JFLL
ISOTOP®
0.140
52
APT8014L2LLLG
APT8014L2FLLG
TO-264 MAX
0.110
51
APT8011JLL
APT8011JFLL
T-MAX™ or T0-264
800
0.200
38
APT8020B2LL
T-MAX®
0.200
33
APT8020JLL
ISOTOP® or D3 or T/R
500
0.140
35
APT5014BLLG
TO-247
0.100
46
APT5010B2LLG
APT5010B2FLLG
T-MAX® or TO-264
0.065
67
APT50M65B2LLG
APT50M65B2FLLG
T-MAX® or TO-264
0.065
58
APT50M65JLLG
APT50M65JFLLG
ISOTOP®
0.075
51
APT50M75JLL
APT50M75JFLL
ISOTOP®
0.075
57
APT50M75B2LLG
T-MAX® or TO-264
0.050
71
APT50M50JLL
ISOTOP®
0.038
88
APT50M38JLL
ISOTOP®
Series Gate Resistance (Rg) <0.1 ohm
Fast switching, uniform signal propagation
Tr and Tf times of <10ns
Pulse power applications
Industry's Lowest Gate Charge
Fast switching, reduced gate drive power
ISOTOP®[J]
SOT-227
(ISOLATED BASE)
TO-247[B]
T-MAX®[B2]
FOR 250 kHz - 2 MHz SWITCHING APPLICATIONS
Ultrafast, Low Gate Charge MOSFETs
FEATURES:
BENEFITS:
The Ultrafast, Low Gate Charge MOSFET family combines the
lowest gate charge available in the industry with Microsemi’s
proprietary self-aligned aluminum metal gate structure. The re-
sult is a MOSFET capable of extremely fast switching speeds
and very low switching losses. The metal gate structure and the
layout of these chips provide an internal series gate resistance
(EGR) an order of magnitude lower than competitive devices
built with a polysilicon gate.
These devices are ideally suited for high frequency
and pulsed high voltage applications.
Typical Applications:


Similar Part No. - APT25GP120BDQ1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP120BDQ1G ADPOW-APT25GP120BDQ1G Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
logo
Microsemi Corporation
APT25GP120BDQ1G MICROSEMI-APT25GP120BDQ1G Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
More results

Similar Description - APT25GP120BDQ1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT5014BLLG MICROSEMI-APT5014BLLG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT30M70BVFRG MICROSEMI-APT30M70BVFRG Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
logo
National Semiconductor ...
AN-2052 NSC-AN-2052 Datasheet
159Kb / 4P
   National Semiconductors Simple Switcher짰 Power Modules and EMI
logo
Seme LAB
SML100HB06 SEME-LAB-SML100HB06 Datasheet
639Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB12 SEME-LAB-SML300HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML150FB12 SEME-LAB-SML150FB12 Datasheet
629Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB06 SEME-LAB-SML400HB06 Datasheet
650Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML300HB06 SEME-LAB-SML300HB06 Datasheet
635Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML400HB01MF SEME-LAB-SML400HB01MF Datasheet
652Kb / 9P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com