Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1275 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # AAT1275
Description  Boost Converter with USB Power Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1275 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button AAT1275 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1275 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202059B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
AAT1275
DATA SHEET
Boost Converter with USB Power Switch
Typical Characteristics
P-Channel R
DS(ON) vs. Supply Voltage
Supply Voltage (V)
160
180
200
220
240
260
280
300
320
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
25°C
85°C
100°C
125°C
N-Channel R
DS(ON) vs. Supply Voltage
Supply Voltage (V)
100
150
200
250
300
350
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
25°C
85°C
100°C
125°C
Enable Soft Start
(VIN = 3.6V; 500mA Load)
Time (1ms/div)
EN
(2V/div)
VOUT2
(2V/div)
IIN
(500mA/div)
VOUT1
(2V/div)
Enable Soft Start
(VIN = 4.2V; 500mA Load)
Time (1ms/div)
EN
(2V/div)
VOUT2
(2V/div)
IIN
(500mA/div)
VOUT1
(2V/div)
Enable Soft Start
(VIN = 3.6V; CVOUT2 = 120µF; 16
Ω
Ω Load)
Time (100µs/div)
EN
(2V/div)
VOUT2
(2V/div)
VOUT1
(2V/div)
Shutdown
(VIN = 3.6V; CVOUT2 = 120µF; 16
Ω
Ω Load)
Time (50ms/div)
EN
(2V/div)
VOUT2
(2V/div)
VOUT1
(1V/div)


Similar Part No. - AAT1275

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
AAT1275 ANALOGICTECH-AAT1275 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
AAT1275IRN-5.0-T1 ANALOGICTECH-AAT1275IRN-5.0-T1 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
AAT1275IRN-5.0-T1 ANALOGICTECH-AAT1275IRN-5.0-T1 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
AAT1275ITP-5.0-T1 ANALOGICTECH-AAT1275ITP-5.0-T1 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
More results

Similar Description - AAT1275

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1276 SKYWORKS-AAT1276 Datasheet
797Kb / 18P
   Boost Converter with USB Power Switch
logo
Advanced Analogic Techn...
AAT1275 ANALOGICTECH-AAT1275_08 Datasheet
632Kb / 19P
   Boost Converter with USB Power Switch
AAT1276 ANALOGICTECH-AAT1276 Datasheet
371Kb / 18P
   Boost Converter with USB Power Switch
AAT1275 ANALOGICTECH-AAT1275 Datasheet
477Kb / 19P
   Boost Converter with USB Power Switch
logo
Texas Instruments
TPS2500 TI-TPS2500 Datasheet
1Mb / 42P
[Old version datasheet]   INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
   1A SWITCH BOOST CONVERTER
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com