Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL16V8D-25QJNI Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL16V8D-25QJNI
Description  All Devices Discontinued
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8D-25QJNI Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL16V8D-25QJNI Datasheet HTML 7Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 8Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 9Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 10Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 11Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 12Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 13Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 14Page - Lattice Semiconductor GAL16V8D-25QJNI Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Specifications GAL16V8
9
In the Simple mode, macrocells are configured as dedicated inputs
or as dedicated, always active, combinatorial outputs.
Architecture configurations available in this mode are similar to the
common 10L8 and 12P6 devices with many permutations of ge-
neric output polarity or input choices.
All outputs in the simple mode have a maximum of eight product
terms that can control the logic. In addition, each output has pro-
grammable polarity.
Pins 1 and 11 are always available as data inputs into the AND
array. The center two macrocells (pins 15 & 16) cannot be used
as input or I/O pins, and are only available as dedicated outputs.
The JEDEC fuse numbers including the UES fuses and PTD fuses
are shown on the logic diagram.
Combinatorial Output with Feedback Configuration
for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Combinatorial Output Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- Pins 15 & 16 are permanently configured to this
function.
Dedicated Input Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this configuration.
- All OLMC except pins 15 & 16 can be configured to
this function.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
Vcc
XOR
Vcc
XOR
Simple Mode


Similar Part No. - GAL16V8D-25QJNI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8D-25QJNI LATTICE-GAL16V8D-25QJNI Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL16V8D-25QJNI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
PHOENIX CONTACT
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
   Discontinued item
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
   Discontinued item
CRIMPFOX-UC-6 PHOENIX-CRIMPFOX-UC-6 Datasheet
73Kb / 2P
   Discontinued item
CRIMPFOX-50 PHOENIX-CRIMPFOX-50 Datasheet
79Kb / 3P
   Discontinued item
logo
Freescale Semiconductor...
KL14 FREESCALE-KL14 Datasheet
298Kb / 20P
   Supports all KL14 and KL15 devices
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
Sonardyne sound in dept...
7801 SONARDYNE-7801 Datasheet
86Kb / 2P
   Compatt Mk4 EHF (Discontinued)
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com