Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP26023 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26023
Description  28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26023 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26023 Datasheet HTML 1Page - Monolithic Power Systems MP26023 Datasheet HTML 2Page - Monolithic Power Systems MP26023 Datasheet HTML 3Page - Monolithic Power Systems MP26023 Datasheet HTML 4Page - Monolithic Power Systems MP26023 Datasheet HTML 5Page - Monolithic Power Systems MP26023 Datasheet HTML 6Page - Monolithic Power Systems MP26023 Datasheet HTML 7Page - Monolithic Power Systems MP26023 Datasheet HTML 8Page - Monolithic Power Systems MP26023 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP26023
28V, 1A Linear
Li-Ion Battery Charger with Trickle Charge
MP26023 Rev.0.9
www.MonolithicPower.com
1
12/14/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26023 is a linear, high-performance
single cell Li-Ion battery charger. By integrating
high voltage input protection into the charger
IC, the MP26023 can tolerate an input surge up
to 28V.
The device features constant current (CC) and
constant voltage (CV) charging modes with
programmable charge currents (85mA to 1A),
programmable battery full threshold, thermal
protection, battery temperature monitoring,
reverse current blocking and trickle charge. The
device also provides AC adapter power good
and charge status indications to the system.
MP26023 is available in 10-pin 3mm x 3mm
QFN packages.
FEATURES
• Input Surge Up to 28V
• Adapter or USB Input
• Programmable Charge Current: 85mA to 1A
• Proprietary Constant Voltage Auto Recharge
• Proprietary Over-Voltage Protection
• 0.75% VBATT Accuracy
• <1µA Battery Reverse Current
• 90µA Standby Current from VIN
• Battery Temperature Monitoring
• Over Current Protection
• AC Adapter Power Good Indicator
• Charge Status Indicator
• Programmable Soft-Start
• Programmable Charge Termination Current
Threshold
• Tiny 3mm x 3mm QFN Package
APPLICATIONS
• Cell Phones
• MP3 Players
• Smart Phones
• PDAs
• Digital Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP26023
BATT
ISET
IBF
SS
GND
10
9
8
7
6
IN
CHG
ACOK
EN
NTC
1
2
3
4
5
CIN
1uF
430
R1
500k
430
RNTC
100k
CSS
0.1uF
COUT
1uF - 22uF
To system
IBATT
VBATT
+
_
RBF
20k
RCHG
2.3k
3.5V - 28V
OFF
ON


Similar Part No. - MP26023

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028EQ MPS-MP26028EQ Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602DQ MPS-MP2602DQ Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results

Similar Description - MP26023

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP2604 MPS-MP2604 Datasheet
355Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP2606 MPS-MP2606 Datasheet
389Kb / 10P
   Single-Cell 1A Linear Li-Ion Battery Charger without Trickle Charge
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
   28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
   1A Linear Li-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
   1A Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com