Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN2A4TTD101G Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CN2A4TTD101G
Description  concave termination with square corners resistor array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN2A4TTD101G Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CN2A4TTD101G Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN2A4TTD101G Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN2A4TTD101G Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CN1J2
CN1J4
CN1J8
1/16W (.063W)
50V
±200:
R≥10Ω
±400:
R<10Ω
10 - 1M
67
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
CN
concave termination with square corners
resistor array
Absolute
Maximum
Working
Voltage
E-24
(J:±5%)
Resistance Range (Ω)
Part
Designation
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
Max.
applications and ratings
circuit schematic
1/10W (.100W)
1/8W (.125W)
100V
100V
200V
200V
400V
-55°C
to
+125°C
R1 = R2 = R3 = R4 = R5 = R6 = R7 = R8
R1 R2 R3 R4 R5 R6 R7 R8
R1 = R2 = R3 = R4
R1 R2 R3 R4
R1 R2
R1 = R2
Derating Curve
environmental applications
100
80
60
40
20
20
40
60
80
100120140160
125
70
Ambient Temperature
(°C)
0
0
Performance Characteristics
E-24
(G:±2%)
E-24, E-96
(F:±1%)
CN2A2
CN2A4
CN2A8
CN2B2
CN2B4
CN2B8
10 - 1M
–––
–––
10 - 1M
10 - 1M
Parameter
Requirement ∆ R ±%
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±2.0%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.25%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1.0%
±0.5%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±1.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±0.5%
High Temperature Exposure
+125°C, 1000 hours
±1.0%
±0.2%
10 - 1M
1 - 1M
CN1E2
CN1E4
1/16W (.063W)
25V
–––
–––
50V
10 - 100k
10 - 1M
* Note that network resistors generate higher heat rather than single flat chip resistor under rated power output.
For resistors operated at an ambient temperature of 70°C or above, a
power rating shall be derated in accordance with the above derating curve.
CN1E2, CN1J2,
CN2A2, CN2B2
CN1E4, CN1J4,
CN2A4, CN2B4
CN1J8, CN2A8, CN2B8
Circuit Board Application
Vcc
IC
IC


Similar Part No. - CN2A4TTD101G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN2A4TTD101G KOA-CN2A4TTD101G Datasheet
288Kb / 3P
   concave termination with square corners resistor array
More results

Similar Description - CN2A4TTD101G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4TTD101J KOA-CN1J4TTD101J Datasheet
260Kb / 2P
   concave termination with square corners resistor array
CN2B4TTE103J KOA-CN2B4TTE103J Datasheet
288Kb / 3P
   concave termination with square corners resistor array
CN KOA-CN Datasheet
399Kb / 2P
   concave termination with square corners resistor array
CN1H2K KOA-CN1H2K Datasheet
108Kb / 2P
   convex termination with square corners resistor array
CN-K-N KOA-CN-K-N Datasheet
349Kb / 2P
   convex termination with square corners resistor array
CN1J4KTTD101J KOA-CN1J4KTTD101J Datasheet
257Kb / 2P
   convex termination with square corners resistor array
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
CNB KOA-CNB Datasheet
376Kb / 2P
   bussed concave termination square corner resistor array
CN-A KOA-CN-A Datasheet
390Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com