Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP26056DQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP26056DQ
Description  28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26056DQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP26056DQ Datasheet HTML 1Page - Monolithic Power Systems MP26056DQ Datasheet HTML 2Page - Monolithic Power Systems MP26056DQ Datasheet HTML 3Page - Monolithic Power Systems MP26056DQ Datasheet HTML 4Page - Monolithic Power Systems MP26056DQ Datasheet HTML 5Page - Monolithic Power Systems MP26056DQ Datasheet HTML 6Page - Monolithic Power Systems MP26056DQ Datasheet HTML 7Page - Monolithic Power Systems MP26056DQ Datasheet HTML 8Page - Monolithic Power Systems MP26056DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP26056- 28V, LI+SINGLE-CELL BATTERY CHARGER WITH USB/AC-ADAPTER INPUT
MP26056 Rev. 0.91
www.MonolithicPower.com
4
3/30/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Input Supply Pin. IN receives the AC adapter or USB supply voltage.
2
ACOK
Open-Drain OVP Indicator. This pin is low when 3.5V < VIN < 6.5V.
3
CHG
Open-Drain Charge Indicator. This pin is low during charging, is High after battery full or
termination,
4
MOD
USB input enable pin. Active High. Used to reduce charge current when USB is the
supply.
5
GND,
Exposed Pad
Ground. Exposed Pad must be connected to GND plane.
6
SHDN
Charger IC Enable. An input “Low” signal at this pin or if the pin is floating will enable
the IC. An input “High” will disable the IC.
7
IBF
Charge Status Threshold Program. Connect this pin to an external resistor to program
the charge termination current or battery full indication threshold. IBF=1.7/Rbf
8
ISET1
USB Constant Charge Current Program pin. Connect this pin to an external resistor to
program the charging current in CC Mode. ICHG=1.7/Rset1 when Mod=HIGH
9
ISET2
Additional Constant Charge Current Program pin for AC input. Connect this pin to an
external resistor to program the charging current in AC Mode. ICHG =1.7/(Rset1// Rset2)
when Mod=LOW
10
BATT
Charger Output.


Similar Part No. - MP26056DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2605 MPS-MP2605 Datasheet
1Mb / 13P
   28V, 1A Li-Ion/Li-Polymer Battery Charger with Trickle Charge and Timer
MP26053 MPS-MP26053 Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26053DQ MPS-MP26053DQ Datasheet
566Kb / 11P
   28V, 1A Li-Ion/Li-Polymer Battery Charger With 10% Battery-Full Threshold, Trickle Charge and Timer
MP26057 MPS-MP26057 Datasheet
562Kb / 11P
   28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
MP26057DQ MPS-MP26057DQ Datasheet
562Kb / 11P
   28V, 1A Linear Li-lon Travel Charger With Trickle Charge and Timer
More results

Similar Description - MP26056DQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Freescale Semiconductor...
MC34675 FREESCALE-MC34675 Datasheet
367Kb / 24P
   28V-Input-Voltage Single-Cell Li-Ion Battery Charger with 10mA Regulator
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
   USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Global Mixed-mode Techn...
G5880 GMT-G5880 Datasheet
175Kb / 1P
   Single Cell Li-Ion Battery Linear Charger Accepting USB and AC-Adapter Power Sources
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Texas Instruments
LP3947ISD-51 TI1-LP3947ISD-51 Datasheet
836Kb / 20P
[Old version datasheet]   LP3947 USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550 Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com