Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C09P1-03P Datasheet(PDF) 9 Page - Anaren Microwave

Part # X3C09P1-03P
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09P1-03P Datasheet(HTML) 9 Page - Anaren Microwave

Back Button X3C09P1-03P Datasheet HTML 5Page - Anaren Microwave X3C09P1-03P Datasheet HTML 6Page - Anaren Microwave X3C09P1-03P Datasheet HTML 7Page - Anaren Microwave X3C09P1-03P Datasheet HTML 8Page - Anaren Microwave X3C09P1-03P Datasheet HTML 9Page - Anaren Microwave X3C09P1-03P Datasheet HTML 10Page - Anaren Microwave X3C09P1-03P Datasheet HTML 11Page - Anaren Microwave X3C09P1-03P Datasheet HTML 12Page - Anaren Microwave X3C09P1-03P Datasheet HTML 13Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C26P1-30S
Rev A
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
Notice that the board layout for the 3dB and 5dB couplers is different from that of the 10dB and 20dB couplers. The
test board for the 3dB and 5dB couplers has all four traces interfacing with the coupler at the same angle. The test
board for the 30dB, 10dB and 20dB couplers has two traces approaching at one angle and the other two traces at a
different angle. The entry angle of the traces has a significant impact on the RF performance and these parts
have been optimized for the layout used on the test boards shown below.
30dB Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25°
°°°C
410 – 500 MHz
~ 0.04dB
800 - 1000 MHz
~ 0.06dB
1700 – 2300 MHz
~0.14dB
2300 – 2700 MHz
~0.155dB
3300 – 3800 MHz
~0.20dB
For example, a 1900MHz, 10dB coupler on a test board may measure –10.30dB from input to the coupled port at
some frequency, F1. When the loss of the test board is removed, the coupling at F1 becomes -10.18dB (-10.30dB +
0.12dB). This compensation must be made to both the coupled and direct path measurements when calculating
insertion loss.
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.


Similar Part No. - X3C09P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09P1-03S ANAREN-X3C09P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C09P1-03S ANAREN-X3C09P1-03S Datasheet
887Kb / 26P
   Hybrid Coupler
logo
NXP Semiconductors
X3C09P1-03S NXP-X3C09P1-03S Datasheet
319Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 09/2018
X3C09P1-03S NXP-X3C09P1-03S Datasheet
491Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 10/2022
More results

Similar Description - X3C09P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com