Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C09A2-03S Datasheet(PDF) 4 Page - Anaren Microwave

Part # X3C09A2-03S
Description  Hybrid Coupler 3 dB, 90
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09A2-03S Datasheet(HTML) 4 Page - Anaren Microwave

  X3C09A2-03S Datasheet HTML 1Page - Anaren Microwave X3C09A2-03S Datasheet HTML 2Page - Anaren Microwave X3C09A2-03S Datasheet HTML 3Page - Anaren Microwave X3C09A2-03S Datasheet HTML 4Page - Anaren Microwave X3C09A2-03S Datasheet HTML 5Page - Anaren Microwave X3C09A2-03S Datasheet HTML 6Page - Anaren Microwave X3C09A2-03S Datasheet HTML 7Page - Anaren Microwave X3C09A2-03S Datasheet HTML 8Page - Anaren Microwave X3C09A2-03S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C21P1-03S
Rev C
Typical Performance (-55°C, 25°C & 95°C): 1700-2400 MHz


Similar Part No. - X3C09A2-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C09A2-03P ANAREN-X3C09A2-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
More results

Similar Description - X3C09A2-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C14P1-03S ANAREN-X3C14P1-03S Datasheet
1Mb / 24P
   Hybrid Coupler 3 dB, 90
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
   3-dB Coupler (90° Hybrid) 806 – 960 MHz
logo
Anaren Microwave
C0727J5003AHF ANAREN-C0727J5003AHF Datasheet
341Kb / 4P
   Ultra Low Profile 0805 3 dB, 90 Hybrid Coupler
XMC2560E-03 ANAREN-XMC2560E-03 Datasheet
1Mb / 17P
   Wideband Hybrid Coupler, 3 dB
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com