Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH66SN3R3M03 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQH66SN3R3M03
Description  Chip Coils for Choke Large Current Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH66SN3R3M03 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQH66SN3R3M03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH66SN3R3M03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
Coils/Inductors/Microchip Transformer > Chip Coils > for Choke Large Current Type
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQH66SN103M03p
10000
µH±20%
10kHz
50mA
39.7ohm
±40%
0.5MHz
10000
µH
Frequency (MHz)
10
100
1000
10000
100000
1000000
1
0.01
0.1
1
10
100
1000
100
µH
10
µH
1
µH
1000
µH
DC Current (A)
10000
1000
100
10
1
0.01
0.1
1
10
1
µH
10
µH
10000
µH
1000
µH
100
µH
Operating Temperature Range: -40
°C to +80°C
Only for reflow soldering.
I Impedance - Frequency Characteristics (Typ.)
I Inductance - Current Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQH66SN3R3M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH66SN3R3M03 MURATA-LQH66SN3R3M03 Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results

Similar Description - LQH66SN3R3M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55DN4R7M03L MURATA-LQH55DN4R7M03L Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
LQH43C MURATA-LQH43C Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH31CN1R0M03L MURATA-LQH31CN1R0M03L Datasheet
47Kb / 2P
   Chip Coils for Choke Wire Wound Type
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
NFM21PC474R1C3D MURATA-NFM21PC474R1C3D Datasheet
50Kb / 2P
   Single Circuit Type for Large Current
DLW5AHN402SQ2L MURATA-DLW5AHN402SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
logo
TDK Electronics
PFC2723ER-601K02B-00 TDK-PFC2723ER-601K02B-00 Datasheet
216Kb / 3P
   Choke Coils for PFC
PFC3514QM-231K06B-00 TDK-PFC3514QM-231K06B-00 Datasheet
239Kb / 3P
   Choke Coils for PFC
PFC3514QM-351K04B-00 TDK-PFC3514QM-351K04B-00 Datasheet
238Kb / 3P
   Choke Coils for PFC
PFC3519QM-231K07B-50 TDK-PFC3519QM-231K07B-50 Datasheet
235Kb / 3P
   Choke Coils for PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com