Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2504 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AAT2504
Description  Adjustable Three-Channel Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2504 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AAT2504 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2504 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
AAT2504
Adjustable Three-Channel Regulator
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202017B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
General Description
The AAT2504 is a three-channel regulator consisting of a
step-down converter with an input voltage range of 2.7V
to 5.5V plus two low dropout (LDO) linear regulators.
The two LDOs have an input voltage range of 1.8V to
5.5V, making them well-suited for post regulating from
the step-down converter.
The step-down converter optimizes power efficiency
throughout the load range. Pulling the MODE/SYNC pin
high enables “PWM Only” operation, maintaining con-
stant frequency and low output ripple across the operat-
ing range. Alternatively, the converter may be synchro-
nized to an external clock to the MODE/ SYNC pin. The
step-down converter delivers up to 800mA of output cur-
rent. The switching frequency is 2MHz, minimizing the
size of external components.
The two LDOs (LDOA/LDOB) have independent inputs
and are capable of delivering up to 300mA each. Ultra
low input voltage on the VLDOA and VLDOB pins (down
to 1.62V) allows for efficient post-buck regulation. A
Power-OK (POK) function provides an open drain output
signal when LDOA is within regulation. Both LDOs feature
low quiescent current and a low dropout voltage. The
output voltages for both LDOs are adjustable to as low as
0.6V. The linear regulators have independent Enable pins.
Typical no load quiescent current is a low 80μA when the
step-down converter and LDOs are enabled.
The AAT2504 is available in a Pb-free 3x4mm QFN34-20
package and is rated over the -40°C to +85°C tempera-
ture range.
Features
• 800mA Buck Converter
VIN Range: 2.7V to 5.5V
VOUT Range: 0.9V to VIN, Adjustable
High Efficiency: 95%
2MHz Switching Frequency
Synchronizable to External Clock
Internal Soft Start
• Two 300mA Linear Regulators
LDO Input Voltage Range: 1.62V to 5.5V
Low Dropout Voltage
High Output Accuracy: ±1.5%
• Low Total Quiescent Current IQ (80μA)
• Independent Enable Pins
• Over-Temperature Protection
• QFN34-20 Package
• -40°C to +85°C Temperature Range
Applications
• Cellular Phones
• Digital Cameras
• Handheld Instruments
• Microprocessor/DSP Core/IO Power
• PDAs and Handheld Computers
Typical Application
AAT2504
R2B
R1B
R2A
R1A
2.2
μF
OUTA
OUTB
POK
POK
OUTA
OUTB
AGND
VLDOA
VLDOB
LX
FB
L
V
OUT (Step-down)
PGND
VIN
VP
FBB
C
OUT
FBA
R2
R1
2.2
μF
ENB
EN
ENA
V
IN
100k
Ω
MODE/SYNC


Similar Part No. - AAT2504

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2504 ANALOGICTECH-AAT2504 Datasheet
949Kb / 22P
   Adjustable 3-Channel Regulator
AAT2504 ANALOGICTECH-AAT2504 Datasheet
776Kb / 21P
   Adjustable 3-Channel Regulator
AAT2504IZL-BAA-T1 ANALOGICTECH-AAT2504IZL-BAA-T1 Datasheet
949Kb / 22P
   Adjustable 3-Channel Regulator
AAT2504IZL-BAA-T1 ANALOGICTECH-AAT2504IZL-BAA-T1 Datasheet
776Kb / 21P
   Adjustable 3-Channel Regulator
AAT2504 ANALOGICTECH-AAT2504_08 Datasheet
776Kb / 21P
   Adjustable 3-Channel Regulator
More results

Similar Description - AAT2504

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Texas Instruments
LM117 TI1-LM117_16 Datasheet
5Mb / 48P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com