Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C26M2-03S Datasheet(PDF) 2 Page - Anaren Microwave

Part # X3C26M2-03S
Description  Hybrid Coupler 3 dB, 90
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C26M2-03S Datasheet(HTML) 2 Page - Anaren Microwave

  X3C26M2-03S Datasheet HTML 1Page - Anaren Microwave X3C26M2-03S Datasheet HTML 2Page - Anaren Microwave X3C26M2-03S Datasheet HTML 3Page - Anaren Microwave X3C26M2-03S Datasheet HTML 4Page - Anaren Microwave X3C26M2-03S Datasheet HTML 5Page - Anaren Microwave X3C26M2-03S Datasheet HTML 6Page - Anaren Microwave X3C26M2-03S Datasheet HTML 7Page - Anaren Microwave X3C26M2-03S Datasheet HTML 8Page - Anaren Microwave X3C26M2-03S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C21P1-03S
Rev C
Hybrid Coupler Pin Configuration
The X3C21P1-03S has an orientation marker to denote Pin 1. Once port one has been identified the other ports are
known automatically. Please see the chart below for clarification:
Configuration
Pin 1
Pin 2
Pin 3
Pin 4
Splitter
Input
Isolated
-3dB
90
θ
-3dB
θ
Splitter
Isolated
Input
-3dB
θ
-3dB
90
θ
Splitter
-3dB
90
θ
-3dB
θ
Input
Isolated
Splitter
-3dB
θ
-3dB
90
θ
Isolated
Input
*Combiner
A
90
θ
A
θ
Isolated
Output
*Combiner
A
θ
A
90
θ
Output
Isolated
*Combiner
Isolated
Output
A
90
θ
A
θ
*Combiner
Output
Isolated
A
θ
A
90
θ
*Notes: “A” is the amplitude of the applied signals. When two quadrature signals with equal amplitudes are
applied to the coupler as described in the table, they will combine at the output port. If the amplitudes are
not equal, some of the applied energy will be directed to the isolated port.
The actual phase,
θ
, or amplitude at a given frequency for all ports, can be seen in our de-embedded s-
parameters, that can be downloaded at www.anaren.com.


Similar Part No. - X3C26M2-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C26M1-03P ANAREN-X3C26M1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
More results

Similar Description - X3C26M2-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C14P1-03S ANAREN-X3C14P1-03S Datasheet
1Mb / 24P
   Hybrid Coupler 3 dB, 90
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
   3-dB Coupler (90° Hybrid) 806 – 960 MHz
logo
Anaren Microwave
C0727J5003AHF ANAREN-C0727J5003AHF Datasheet
341Kb / 4P
   Ultra Low Profile 0805 3 dB, 90 Hybrid Coupler
XMC2560E-03 ANAREN-XMC2560E-03 Datasheet
1Mb / 17P
   Wideband Hybrid Coupler, 3 dB
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com