Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28255EL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP28255EL
Description  21V, 4A, 500kHz Synchronous Step-down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28255EL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP28255EL Datasheet HTML 6Page - Monolithic Power Systems MP28255EL Datasheet HTML 7Page - Monolithic Power Systems MP28255EL Datasheet HTML 8Page - Monolithic Power Systems MP28255EL Datasheet HTML 9Page - Monolithic Power Systems MP28255EL Datasheet HTML 10Page - Monolithic Power Systems MP28255EL Datasheet HTML 11Page - Monolithic Power Systems MP28255EL Datasheet HTML 12Page - Monolithic Power Systems MP28255EL Datasheet HTML 13Page - Monolithic Power Systems MP28255EL Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP28255 – 4A, 21V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP28255 Rev. 1.01
www.MonolithicPower.com
11
3/11/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation capacitor (see Typical Application
on page 1). Choose R1 to be around 40.2kΩ for
optimal transient response. R2 is then given by:
1
V
V
R1
R2
FB
OUT
=
The T-type network is highly recommended when
Vo is low, as Figure 6 shows.
FB 1
R2
R1
Rt
VOUT
Figure 6— T-type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1—Resistor Selection for Common
Output Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
Rt
(kΩ)
L
(uH)
COUT
(uF, Ceramic)
1.05
4.99
16.5 24.9
1-4.7
47
1.2
4.99
10.2 24.9
1-4.7
47
1.5
4.99
5.76 24.9
1-4.7
47
1.8
4.99
4.02 24.9
1-4.7
47
2.5
40.2
19.1
0
1-4.7
47
3.3
40.2
13
0
1-4.7
47
5
40.2
7.68
0
1-4.7
47
Note:
The above feedback resistor table applies to a specific load
capacitor condition as shown in the table 1. Other capacitive loading
conditions will require different values.
Selecting the Inductor
A 1µH to 10µH inductor with a DC current rating
of at least 25% percent higher than the maximum
load
current
is
recommended
for
most
applications. For highest efficiency, the inductor
DC resistance should be less than 15mΩ. For
most designs, the inductance value can be
derived from the following equation.
OSC
L
IN
OUT
IN
OUT
f
I
V
)
V
V
(
V
L
×
×
×
=
Where ∆IL is the inductor ripple current.
Choose
inductor
ripple
current
to
be
approximately 30% if the maximum load current,
4A. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
+
=
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Ceramic
capacitors with X5R or X7R dielectrics are highly
recommended because of their low ESR and
small
temperature
coefficients.
For
most
applications, a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input capacitor
can be estimated by:
×
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN = 2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose the input capacitor
whose RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When electrolytic or tantalum
capacitor is used, a small, high quality ceramic
capacitor, i.e. 0.1µF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to


Similar Part No. - MP28255EL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
MP28251GD MPS-MP28251GD Datasheet
634Kb / 15P
   20V, 4A Synchronous Step-Down Converter
MP28252 MPS-MP28252 Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28252EL MPS-MP28252EL Datasheet
369Kb / 14P
   High Efficiency 2A, 21V, 500kHz Synchronous Step-down Converter
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
More results

Similar Description - MP28255EL

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com