Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD667KP Datasheet(PDF) 5 Page - Analog Devices

Part # AD667KP
Description  Microprocessor-Compatible 12-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD667KP Datasheet(HTML) 5 Page - Analog Devices

  AD667KP Datasheet HTML 1Page - Analog Devices AD667KP Datasheet HTML 2Page - Analog Devices AD667KP Datasheet HTML 3Page - Analog Devices AD667KP Datasheet HTML 4Page - Analog Devices AD667KP Datasheet HTML 5Page - Analog Devices AD667KP Datasheet HTML 6Page - Analog Devices AD667KP Datasheet HTML 7Page - Analog Devices AD667KP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD667
REV. A
–5–
ANALOG CIRCUIT CONNECTIONS
Internal scaling resistors provided in the AD667 may be connected
to produce bipolar output voltage ranges of
±10, ±5 or ±2.5 V or
unipolar output voltage ranges of 0 V to +5 V or 0 V to +10 V.
Gain and offset drift are minimized in the AD667 because of the
thermal tracking of the scaling resistors with other device com-
ponents. Connections for various output voltage ranges are
shown in Table I.
Figure 1. Output Amplifier Voltage Range Scaling Circuit
UNIPOLAR CONFIGURATION (Figure 2)
This configuration will provide a unipolar 0 volt to +10 volt out-
put range. In this mode, the bipolar offset terminal, Pin 4, should
be grounded if not used for trimming.
Figure 2. 0 V to +10 V Unipolar Voltage Output
STEP I . . . ZERO ADJUST
Turn all bits OFF and adjust zero trimmer R1, until the output
reads 0.000 volts (1 LSB = 2.44 mV). In most cases this trim is
not needed, and Pin 4 should be connected to Pin 5.
STEP II . . . GAIN ADJUST
Turn all bits ON and adjust 100
Ω gain trimmer R2, until the
output is 9.9976 volts. (Full scale is adjusted to 1 LSB less than
nominal full scale of 10.000 volts.)
BIPOLAR CONFIGURATION (Figure 3)
This configuration will provide a bipolar output voltage from
–5.000 to +4.9976 volts, with positive full scale occurring with
all bits ON (all 1s).
STEP I . . . OFFSET ADJUST
Turn OFF all bits. Adjust 100
Ω trimmer R1 to give –5.000
volts output.
STEP II . . . GAIN ADJUST
Turn ON all bits. Adjust 100
Ω gain trimmer R2 to give a read-
ing of +4.9976 volts.
Figure 3.
±5 V Bipolar Voltage Output
INTERNAL/EXTERNAL REFERENCE USE
The AD667 has an internal low noise buried Zener diode refer-
ence which is trimmed for absolute accuracy and temperature
coefficient. This reference is buffered and optimized for use in a
high speed DAC and will give long-term stability equal or superior
to the best discrete Zener reference diodes. The performance of
the AD667 is specified with the internal reference driving the
DAC since all trimming and testing (especially for full-scale
error and bipolar offset) is done in this configuration.
The internal reference has sufficient buffering to drive external
circuitry in addition to the reference currents required for the
DAC (typically 0. 5 mA to Ref In and 1.0 mA to Bipolar Off-
set). A minimum of 0.1 mA is available for driving external
loads. The AD667 reference output should be buffered with an
external op amp if it is required to supply more than 0.1 mA
output current. The reference is typically trimmed to
±0.2%,
then tested and guaranteed to
±1.0% max error. The tempera-
ture coefficient is comparable to that of the full-scale TC for a
particular grade.
If an external reference is used (10.000 V, for example), addi-
tional trim range must be provided, since the internal reference
has a tolerance of
±1%, and the AD667 full-scale and bipolar
offset are both trimmed with the internal reference. The gain
and offset trim resistors give about
±0.25% adjustment range,
which is sufficient for the AD667 when used with the internal
reference.
It is also possible to use external references other than 10 volts.
The recommended range of reference voltage is from +8 to
+11 volts, which allows both 8.192 V and 10.24 V ranges to be
used. The AD667 is optimized for fixed-reference applications.
If the reference voltage is expected to vary over a wide range in a
particular application, a CMOS multiplying DAC is a better
choice.
Reduced values of reference voltage will also permit the
±12
volt
± 5% power supply requirement to be relaxed to ±12 volts
± 10%.
It is not recommended that the AD667 be used with external
feedback resistors to modify the scale factor. The internal resis-
tors are trimmed to ratio-match and temperature-track the other
resistors on the chip, even though their absolute tolerances are
±20%, and absolute temperature coefficients are approximately
–50 ppm/
°C. If external resistors are used, a wide trim range
(
±20%) will be needed and temperature drift will be increased
to reflect the mismatch between the temperature coefficients of
the internal and external resistors.


Similar Part No. - AD667KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD667KP AD-AD667KP Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667KP AD-AD667KP Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667KP AD-AD667KP Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results

Similar Description - AD667KP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com