Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C04A3-03S Datasheet(PDF) 7 Page - Anaren Microwave

Part # X3C04A3-03S
Description  Hybrid Coupler 3 dB, 90
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C04A3-03S Datasheet(HTML) 7 Page - Anaren Microwave

Back Button X3C04A3-03S Datasheet HTML 3Page - Anaren Microwave X3C04A3-03S Datasheet HTML 4Page - Anaren Microwave X3C04A3-03S Datasheet HTML 5Page - Anaren Microwave X3C04A3-03S Datasheet HTML 6Page - Anaren Microwave X3C04A3-03S Datasheet HTML 7Page - Anaren Microwave X3C04A3-03S Datasheet HTML 8Page - Anaren Microwave X3C04A3-03S Datasheet HTML 9Page - Anaren Microwave X3C04A3-03S Datasheet HTML 10Page - Anaren Microwave X3C04A3-03S Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
`
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C21P1-03S
Rev C
Notes on RF Testing and Circuit Layout
The X3C21P1-03S Surface Mount Couplers require the use of a test fixture for verification of RF performance. This
test fixture is designed to evaluate the coupler in the same environment that is recommended for installation.
Enclosed inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being
tested is placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four
port Vector Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst
case values for each parameter are found and compared to the specification. These worst case values are reported to
the test equipment operator along with a Pass or Fail flag. See the illustrations below.
3 dB and 5dB
Test Board
Test Board
In Fixture
Test Station


Similar Part No. - X3C04A3-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C04A1-03P ANAREN-X3C04A1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
X3C04A2-03P ANAREN-X3C04A2-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
More results

Similar Description - X3C04A3-03S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C14P1-03S ANAREN-X3C14P1-03S Datasheet
1Mb / 24P
   Hybrid Coupler 3 dB, 90
XMC0204E2-03G ANAREN-XMC0204E2-03G Datasheet
200Kb / 2P
   Hybrid Coupler 3 dB, 90
logo
KATHREIN Solutions GmbH
K637061 KATHREIN-K637061 Datasheet
440Kb / 1P
   3-dB Coupler (90° Hybrid) 806 – 960 MHz
logo
Anaren Microwave
C0727J5003AHF ANAREN-C0727J5003AHF Datasheet
341Kb / 4P
   Ultra Low Profile 0805 3 dB, 90 Hybrid Coupler
XMC2560E-03 ANAREN-XMC2560E-03 Datasheet
1Mb / 17P
   Wideband Hybrid Coupler, 3 dB
logo
Yantel Corporation
HC07F03 YANTEL-HC07F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC19F03 YANTEL-HC19F03 Datasheet
2Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0150B03 YANTEL-HC0150B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0450L03 YANTEL-HC0450L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com