Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN100N(M)G0 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LQH3NPN100N(M)G0
Description  1212 size (3.0x3.0mm) Height 1.0mm max.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH3NPN100N(M)G0 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button LQH3NPN100N(M)G0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQH3NPN100N(M)G0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
This information is the property of Murata Europe Management B.V. This information should not be copied or distributed in any fashion without the express written consent of Murata.
All information is subject to change without notice, is not warranted in any fashion and is provided as is.
(Power inductor (G Apps) SE0
-6)
1212 size (3.0x3.0mm)
Height 1.0mm max.
LQH3NP_G0
LQH3NP_G0 series
series
0
10
20
30
40
50
0.1
1
10
100
Frequency (MHz)
1R0
1R5
2R2
3R3
4R7
6R8
0
20
40
60
80
100
0.1
1
10
100
Frequency (MHz)
100
150
220
330
470
680
0
20
40
60
80
100
0.1
1
10
100
Frequency (MHz)
101
151
221
251
Q
Q vs
vs Frequency
Frequency
Q
Q vs
vs Frequency
Frequency
Q
Q vs
vs Frequency
Frequency


Similar Part No. - LQH3NPN100N(M)G0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN100NG0 MURATA-LQH3NPN100NG0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN100NG0 MURATA-LQH3NPN100NG0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN100NG0 MURATA-LQH3NPN100NG0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN100NJ0 MURATA-LQH3NPN100NJ0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQH3NPN100NJ0 MURATA-LQH3NPN100NJ0 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
More results

Similar Description - LQH3NPN100N(M)G0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN1R0NG0L MURATA-LQH3NPN1R0NG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
EUROQUARTZ limited
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Murata Manufacturing Co...
LQH2HPN150MGR MURATA1-LQH2HPN150MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN3R3MGR MURATA1-LQH2HPN3R3MGR Datasheet
422Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
logo
Murata Manufacturing Co...
LQH55PN1R2NR0L MURATA-LQH55PN1R2NR0L Datasheet
237Kb / 7P
   1616 size (4.0x4.0mm) Height 1.8mm max.
logo
Murata Manufacturing Co...
LQH2HPN100MGR MURATA1-LQH2HPN100MGR Datasheet
425Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN101MGR MURATA1-LQH2HPN101MGR Datasheet
412Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN1R0MGR MURATA1-LQH2HPN1R0MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
LQH2HPN220MGR MURATA1-LQH2HPN220MGR Datasheet
429Kb / 4P
   Size Code 2520 (1008) in mm (in inch), 1.0mm max. Thickness.Low DC resistance design
11/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com