Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28258DD Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP28258DD
Description  High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28258DD Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP28258DD Datasheet HTML 4Page - Monolithic Power Systems MP28258DD Datasheet HTML 5Page - Monolithic Power Systems MP28258DD Datasheet HTML 6Page - Monolithic Power Systems MP28258DD Datasheet HTML 7Page - Monolithic Power Systems MP28258DD Datasheet HTML 8Page - Monolithic Power Systems MP28258DD Datasheet HTML 9Page - Monolithic Power Systems MP28258DD Datasheet HTML 10Page - Monolithic Power Systems MP28258DD Datasheet HTML 11Page - Monolithic Power Systems MP28258DD Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP28258 – 3A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER IN QFN12 (2X3mm)
MP28258 Rev 1.14
www.MonolithicPower.com
8
9/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
START
-
+
+
-
+
SOFT
START/STOP
FREQ
VCC
5V LDO
ILIM
OC
Q
VCC
SW
GND
0
VCC
IN
BST
RSEN
LS
Driver
HS
Driver
LS_FET
HS_FET
PWM
LOGIC
xS
xR
Over-Current
Timer
Current Sense
Amplifer
Current
Modulator
UV
OV
UV Detect
Comparator
OV Detect
Comparator
OFF
Timer
ON
Timer
HS IIimit
Comparator
Loop
Comparator
EN
1.0V
0.8V
1MEG
0.4V
0
0
FB
PGOOD
Comparator
REFERENCE
PG
+
-
-
+
Figure 1—Function Block Diagram


Similar Part No. - MP28258DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28258DD MPS-MP28258DD Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258DD-A MPS-MP28258DD-A Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
More results

Similar Description - MP28258DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
   4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
   3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
   2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
   High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
   High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com