Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM1875C2ER50CB12D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GQM1875C2ER50CB12D
Description  Application Specific Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM1875C2ER50CB12D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GQM1875C2ER50CB12D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM1875C2ER50CB12D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Unit: mm
Chip Structure
Chip Dimensions
L
T
e
e
g
Chip Capacitor
c
ba
Land
Solder
Resist
Land Pattern
Dimensions
GQM Data Sheet
Capacitance Range
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Series
EIA size
L
W
T
e
g min.
GQM187
0603
1.6+/-0.15 0.8+/-0.15
0.7+/-0.1
0.2 to 0.5
0.5
GQM188
0603
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
GQM219
0805
2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7
0.7
NEW
GQM22M
1111
2.8+/-0.5
2.8+/-0.4
1.15+/-0.2 0.3 min.
1.0
Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22
n/a
n/a
n/a
Re-Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22 2.2 ~ 2.5 0.8 ~ 1.0
1.9 ~ 2.3
Chip Dimensions Table
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GQM187 C0G
250V
0.1 to 47 pF
GQM188 C0G
100V
0.1 to 6.8 pF
50V
7.0 to 100 pF
GQM219 C0G
250V
0.2 to 100 pF
100V
0.2 to 18 pF
50V
20 to 100 pF
GQM22M C0G
500V
0.5 to 100 pF
Product ID
Series
Dimension (LxW)
Dimension (T)
Code
Product
GQ
High Q
Code
Product
M
Tin Plated Termination
Code
Dimension (LxW)
18
1.6x0.8mm
21
2.0x1.25mm
22
2.8x2.8mm
Code Dimension (T)
7
0.7mm
8
0.8mm
9
0.85mm
M
1.15mm
Temperature Characteristics
Rated Voltage
Capacitance
Code TC Cap. Change
Operating Temp.Range
5C C0G 0+/-30ppm/°C
-55 to 125°C
Code Rated Voltage
1H
DC 50V
2A
DC 100V
2E
DC 250V
2H
DC 500V
Code Capacitance
R50
0.5pF
1R0
1.0pF
5R6
5.6pF
100
10pF
Capacitance Tolerance
Code Cap. Tol.
TC
W
+/-0.05pF
C0G (<=5pF)
B
+/-0.1pF
C0G (<=5pF)
C
+/-0.25pF
C0G (<=9pF)
D
+/-0.5pF
C0G (6 to 9pF)
F
+/-1%
C0G (>=10pF)
G
+/-2%
J
+/-5%
Individual Specification Code
Packaging
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
L
180mm Paper Taping
J
330mm Paper Taping
K
330mm Paper Taping
Capacitance Range
Global Part Numbering
Series
EIA size
L
W
T
e
g min.
GQM187
0603
1.6+/-0.15 0.8+/-0.15
0.7+/-0.1
0.2 to 0.5
0.5
GQM188
0603
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
GQM219
0805
2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7
0.7
NEW
GQM22M
1111
2.8+/-0.5
2.8+/-0.4
1.15+/-0.2 0.3 min.
1.0
Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22
n/a
n/a
n/a
Re-Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22 2.2 ~ 2.5 0.8 ~ 1.0
1.9 ~ 2.3
Chip Dimensions Table
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GQM187 C0G
250V
0.1 to 47 pF
GQM188 C0G
100V
0.1 to 6.8 pF
50V
7.0 to 100 pF
GQM219 C0G
250V
0.2 to 100 pF
100V
0.2 to 18 pF
50V
20 to 100 pF
GQM22M C0G
500V
0.5 to 100 pF
Product ID
Series
Dimension (LxW)
Dimension (T)
Code
Product
GQ
High Q
Code
Product
M
Tin Plated Termination
Code
Dimension (LxW)
18
1.6x0.8mm
21
2.0x1.25mm
22
2.8x2.8mm
Code Dimension (T)
7
0.7mm
8
0.8mm
9
0.85mm
M
1.15mm
Temperature Characteristics
Rated Voltage
Capacitance
Code TC Cap. Change
Operating Temp.Range
5C C0G 0+/-30ppm/°C
-55 to 125°C
Code Rated Voltage
1H
DC 50V
2A
DC 100V
2E
DC 250V
2H
DC 500V
Code Capacitance
R50
0.5pF
1R0
1.0pF
5R6
5.6pF
100
10pF
Capacitance Tolerance
Code Cap. Tol.
TC
W
+/-0.05pF
C0G (<=5pF)
B
+/-0.1pF
C0G (<=5pF)
C
+/-0.25pF
C0G (<=9pF)
D
+/-0.5pF
C0G (6 to 9pF)
F
+/-1%
C0G (>=10pF)
G
+/-2%
J
+/-5%
Individual Specification Code
Packaging
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
L
180mm Paper Taping
J
330mm Paper Taping
K
330mm Paper Taping
Capacitance Range
Global Part Numbering
Series
EIA size
L
W
T
e
g min.
GQM187
0603
1.6+/-0.15 0.8+/-0.15
0.7+/-0.1
0.2 to 0.5
0.5
GQM188
0603
1.6+/-0.1
0.8+/-0.1
0.8+/-0.1
GQM219
0805
2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7
0.7
NEW
GQM22M
1111
2.8+/-0.5
2.8+/-0.4
1.15+/-0.2 0.3 min.
1.0
Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22
n/a
n/a
n/a
Re-Flow Soldering
Series
a
b
c
GQM18 0.6 ~ 1.0 0.8 ~ .0.9
0.6 ~ 0.8
GQM21 1.0 ~ 1.2 0.9 ~ 1.0
0.8 ~ 1.1
GQM22 2.2 ~ 2.5 0.8 ~ 1.0
1.9 ~ 2.3
Chip Dimensions Table
Series
TC
WV
Capacitance Range
1pF
10pF
100pF
pF
GQM187 C0G
250V
0.1 to 47 pF
GQM188 C0G
100V
0.1 to 6.8 pF
50V
7.0 to 100 pF
GQM219 C0G
250V
0.2 to 100 pF
100V
0.2 to 18 pF
50V
20 to 100 pF
GQM22M C0G
500V
0.5 to 100 pF
Product ID
Series
Dimension (LxW)
Dimension (T)
Code
Product
GQ
High Q
Code
Product
M
Tin Plated Termination
Code
Dimension (LxW)
18
1.6x0.8mm
21
2.0x1.25mm
22
2.8x2.8mm
Code Dimension (T)
7
0.7mm
8
0.8mm
9
0.85mm
M
1.15mm
Temperature Characteristics
Rated Voltage
Capacitance
Code TC Cap. Change
Operating Temp.Range
5C C0G 0+/-30ppm/°C
-55 to 125°C
Code Rated Voltage
1H
DC 50V
2A
DC 100V
2E
DC 250V
2H
DC 500V
Code Capacitance
R50
0.5pF
1R0
1.0pF
5R6
5.6pF
100
10pF
Capacitance Tolerance
Code Cap. Tol.
TC
W
+/-0.05pF
C0G (<=5pF)
B
+/-0.1pF
C0G (<=5pF)
C
+/-0.25pF
C0G (<=9pF)
D
+/-0.5pF
C0G (6 to 9pF)
F
+/-1%
C0G (>=10pF)
G
+/-2%
J
+/-5%
Individual Specification Code
Packaging
Code
Packaging
B
Bulk in nylon bag
D
180mm Paper Taping
L
180mm Paper Taping
J
330mm Paper Taping
K
330mm Paper Taping
Capacitance Range
Global Part Numbering
Unit: mm
Chip Structure
Chip Dimensions
L
T
e
e
g
Chip Capacitor
c
ba
Land
Solder
Resist
Land Pattern
Dimensions
GQM Data Sheet
Capacitance Range
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Unit: mm
Chip Structure
Chip Dimensions
L
T
e
e
g
Chip Capacitor
c
ba
Land
Solder
Resist
Land Pattern
Dimensions
GQM Data Sheet
Capacitance Range
Dielectric
(Ceramic)
Plating
(Sn)
Barrier
(Ni)
Termination
(Cu)
Inner Electrode
(Cu)
Application Specific Capacitors
High Frequency Ceramic Capacitors – GQM Series
GQM Data Sheet
Innovator in Electronics – 21
C-29-C
www .murata.com
Innovator in Electronics – 21
C-29-C
www .murata.com
www .murata.com
www .murata.com
www .murata.com
C-34-B


Similar Part No. - GQM1875C2ER50CB12D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GQM1875C2ER50BB12 MURATA-GQM1875C2ER50BB12 Datasheet
757Kb / 27P
   High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GQM1875C2ER50CB12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com