Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28259DD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP28259DD
Description  High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28259DD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP28259DD Datasheet HTML 1Page - Monolithic Power Systems MP28259DD Datasheet HTML 2Page - Monolithic Power Systems MP28259DD Datasheet HTML 3Page - Monolithic Power Systems MP28259DD Datasheet HTML 4Page - Monolithic Power Systems MP28259DD Datasheet HTML 5Page - Monolithic Power Systems MP28259DD Datasheet HTML 6Page - Monolithic Power Systems MP28259DD Datasheet HTML 7Page - Monolithic Power Systems MP28259DD Datasheet HTML 8Page - Monolithic Power Systems MP28259DD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP28259 – 2A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP28259 Rev. 1.34
www.MonolithicPower.com
2
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
OCP Protection
Package
Top Marking
MP28259DD
Latch-off mode
QFN12 (2x3mm)
AAT
MP28259DD-A
Hiccup mode
QFN12 (2x3mm)
ACX
* For Tape & Reel, add suffix –Z (e.g. MP28259DD–Z).
For RoHS Compliant Packaging, add suffix –LF (e.g. MP28259DD–LF–Z)
PACKAGE REFERENCE
GND
SW
BST
VCC
EN
GND
SW
IN
FREQ
FB
TOP VIEW
PG
GND
1
2
12
3
4
8
7
6
5
11
10
9
SW
QFN12 (2x3mm)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN .......................................22V
VSW ...-0.3V(-4V<10ns) to VIN + 0.3V(24V<10ns)
VBST .................................................... VSW + 6V
All Other Pins................................. -0.3V to +6V
Continuous Power Dissipation
(TA = 25°C)
(2)
QFN12 (2x3mm) ........................................1.8W
Junction Temperature ............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 4.2V to 20V
Output Voltage VOUT.................... 0.815V to 13V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN12 (2x3mm) .................... 70 ...... 15...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP28259DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28259DD MPS-MP28259DD Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259DD-A MPS-MP28259DD-A Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
More results

Similar Description - MP28259DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28259-A MPS-MP28259-A Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258 MPS-MP28258 Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
   4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
   2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
   3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
   High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
   2A, 20V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com