Electronic Components Datasheet Search |
|
GQM1875C2E1R3BB12D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
GQM1875C2E1R3BB12D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 30 page GQM Series: Featuring improved low power consumption for mobile telecommunications, the GQM Series is typically used in frequencies from 500MHz to 10GHz. The copper electrodes allow for ultra low ESR, high Q in the GHz frequencies and high RF current handling capability. This series is the best choice for high performance, high power RF designs requiring voltages up to 500VDC. Offered in EIA sizes 0603, 0805 and the new 1111 size with a capacitance range of 0.1 to 100pF, there are a variety of tight tolerance versions available. Features: Size: 0603, 0805 and 1111 Voltage: 50, 100, 250 and 500VDC Cap Range: 0.1 to 100pF Internal Electrode: Cu Termination: Cu + Ni/Sn plating ESR: Ultra Low Power: High Power (>15W) Frequency Range: 500MHz –10GHz. High Q and Low ESR at VHF, UHF, and Microwave Frequencies Tolerance: Tight Tolerance Available ([W]=+/-0.05pF for <=5pF, [B]=+/-0.1pF for 5 - 9.1pF, [C]=+/-0.25pF for 5 - 9.1pF, [F]=+/-1% for 10 - 20pF) Temp. Characteristics: C0G (-55ºC to 125ºC with 0 ±30ppm/ ºC) Applications: Base stations for cellular, broadcast satellites, cable TV and telecommunication networks, GPS, Bluetooth® and TV set-top boxes Application Specific Capacitors High Frequency Ceramic Capacitors – GQM Series GQM Product Summary 20 – Innovator in Electronics C-29-C www .murata.com 20 – Innovator in Electronics C-29-C www .murata.com www .murata.com www .murata.com www .murata.com |
Similar Part No. - GQM1875C2E1R3BB12D |
|
Similar Description - GQM1875C2E1R3BB12D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |