Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28259DD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP28259DD
Description  High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28259DD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP28259DD Datasheet HTML 2Page - Monolithic Power Systems MP28259DD Datasheet HTML 3Page - Monolithic Power Systems MP28259DD Datasheet HTML 4Page - Monolithic Power Systems MP28259DD Datasheet HTML 5Page - Monolithic Power Systems MP28259DD Datasheet HTML 6Page - Monolithic Power Systems MP28259DD Datasheet HTML 7Page - Monolithic Power Systems MP28259DD Datasheet HTML 8Page - Monolithic Power Systems MP28259DD Datasheet HTML 9Page - Monolithic Power Systems MP28259DD Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP28259 – 2A, 4.2V-20V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP28259 Rev. 1.34
www.MonolithicPower.com
6
4/27/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1.2V, L = 2μH, TA = 25°C, unless otherwise noted.
VOUT(AC)
20mV/div.
VIN(AC)
100mV/div.
IL
2A/div.
Input/Output Voltage Ripple
IOUT = 2A
VSW
5V/div.
VOUT
500mV/div.
VIN
10V/div.
IL
1A/div.
VSW
5V/div.
VOUT
500mV/div.
VIN
10V/div.
IL
2A/div.
VSW
5V/div.
Start-up through VIN
IOUT = 0A
Start-up through VIN
IOUT = 2A
Shutdown through VIN
IOUT = 0A
Shutdown through VIN
IOUT = 2A
Start-up through EN
IOUT = 0A
Start-up through EN
IOUT = 2A
Shutdown through EN
IOUT = 0A
Shutdown through EN
IOUT = 2A
VOUT
1V/div.
VIN
10V/div.
IL
1A/div.
VSW
2V/div.
VOUT
500mV/div.
VIN
5V/div.
IL
2A/div.
VSW
2V/div.
VOUT
500mV/div.
VEN
5V/div.
IL
1A/div.
VSW
5V/div.
VOUT
500mV/div.
VEN
5V/div.
IL
2A/div.
VSW
10V/div.
VOUT
1V/div.
VEN
5V/div.
IL
2A/div.
VSW
10V/div.
VOUT
1V/div.
VEN
5V/div.
IL
2A/div.
VSW
10V/div.


Similar Part No. - MP28259DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28259DD MPS-MP28259DD Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28259DD-A MPS-MP28259DD-A Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
More results

Similar Description - MP28259DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28259 MPS-MP28259 Datasheet
516Kb / 18P
   High Efficiency, Fast Transient, 2A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258-A MPS-MP28258-A Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28258 MPS-MP28258 Datasheet
869Kb / 18P
   High Efficiency, Fast Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in QFN12
MP28248 MPS-MP28248 Datasheet
747Kb / 19P
   High-Efficiency, Fast-Transient, 3A, 4.2V-20V Input Synchronous Step-down Converter in a QFN12 (2x3mm) Package
MP28257 MPS-MP28257 Datasheet
592Kb / 16P
   4A, Fast Transient, 4.2V-to-20V Input Synchronous Step-Down Converter 2mmx3mm QFN12
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
   2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
   3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
   High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL9370B BELLING-BL9370B Datasheet
555Kb / 10P
   2A, 20V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com