Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2556 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # AAT2556
Description  Battery Charger and Step-Down Converter for Portable Applications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2556 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button AAT2556 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT2556 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
AAT2556
DATA SHEET
Battery Charger and Step-Down Converter for Portable Applications
8
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202177B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
Typical Characteristics – Step-Down Converter
Load Transient Response
(10mA to 250mA; VIN = 3.6V; VOUT = 1.8V;
COUT = 4.7µF; CFF = 100pF)
Time (25µs/div)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
VO
ILX
IO
Load Transient Response
(10mA to 250mA; VIN = 3.6V; VOUT = 1.8V; COUT = 4.7µF)
Time (25µs/div)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VO
ILX
IO
Line Response
(VOUT = 1.8V @ 250mA; CFF = 100pF)
Time (25µs/div)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
VO
VIN
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 1mA)
Time (2µs/div)
-120
-100
-80
-60
-40
-20
0
20
40
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
VO
IL
Output Ripple
(VIN = 3.6V; VOUT = 1.8V; IOUT = 250mA)
Time (200ns/div)
-120
-100
-80
-60
-40
-20
0
20
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VO
IL


Similar Part No. - AAT2556

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556IWP-CA-T1 ANALOGICTECH-AAT2556IWP-CA-T1 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556IWP-CA-T1 AAT-AAT2556IWP-CA-T1 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
More results

Similar Description - AAT2556

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Maxim Integrated Produc...
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com