Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6645ASQZ-801 Datasheet(PDF) 6 Page - Analog Devices

Part # AD6645ASQZ-801
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645ASQZ-801 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD6645ASQZ-801 Datasheet HTML 2Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 3Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 4Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 5Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 6Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 7Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 8Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 9Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD6645
Rev. D | Page 6 of 24
Test
AD6645ASQ-80/
AD6645ASV-80
AD6645ASQ-105/
AD6645ASV-105
Parameter
Symbol
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DATA-READY (DRY4)/DATA(D13:0),, OVR
Data-Ready to DATA Delay (Hold Time)
tH_DR
Full
V
Note 55
Note 55
50% Duty Cycle
Full
V
6.6
7.2
7.9
5.1
5.7
6.4
ns
Data-Ready to DATA Delay (Setup Time)
tS_DR
Full
V
Note 55
Note 55
50% Duty Cycle
Full
V
2.1
3.6
5.1
0.6
2.1
3.5
ns
APERTURE DELAY
tA
25°C
V
−500
−500
ps
APERTURE UNCERTAINTY (JITTER)
tJ
25°C
V
0.1
0.1
ps rms
1 Several timing parameters are a function of tENC and tENCH.
2 Several timing parameters are a function of tENCL and tENCH.
3 ENCODE TO DATA Delay (Hold Time) is the absolute minimum propagation delay through the ADC, tE_RL = tH_E.
4 DRY is an inverted and delayed version of the encode clock. Any change in the duty cycle of the clock will correspondingly change the duty cycle of DRY.
5 Data-ready to DATA Delay (tH_DR and tS_DR) is calculated relative to rated speed grade and is dependent on tENC and duty cycle.
tS_DR
tA
AIN
N
N + 1
N + 2
N + 3
N + 4
tENC
tENCH
tENCL
tE_FL
tE_RL
tE_DR
tS_E
tH_E
tDR
tH_DR
N
N – 1
N – 3
D[13:0], OVR
DRY
N + 4
N + 3
N + 2
N + 1
N
ENCODE,
ENCODE
N – 2
Figure 2. Timing Diagram


Similar Part No. - AD6645ASQZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645ASQZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com