Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6645ASQZ-801 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6645ASQZ-801
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645ASQZ-801 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6645ASQZ-801 Datasheet HTML 4Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 5Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 6Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 7Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 8Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 9Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 10Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 11Page - Analog Devices AD6645ASQZ-801 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD6645
Rev. D | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. DNC = DO NOT CONNECT.
2. EXPOSED PAD. CONNECT THE EXPOSED PAD TO GND.
PIN 1
IDENTIFIER
AD6645
TOP VIEW
(Not to Scale)
1
DVCC
2
GND
3
VREF
4
GND
5
ENCODE
6
ENCODE
7
GND
8
AVCC
9
AVCC
10
GND
11
14
AIN
12
AIN
13
GND
15 16 17 18 19 20 21 22 23 24 25 26
27
GND
28
AVCC
29
GND
30
AVCC
31
DNC
32
OVR
33
DVCC
34
GND
35
DMID
36
D0 (LSB)
37
40
D1
38
D2
39
D3
41
42
43
44
45
46
47
48
49
50
51
52
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 33, 43
DVCC
3.3 V Power Supply (Digital) Output Stage Only.
2, 4, 7, 10, 13, 15, 17, 19, 21, 23, 25,
27, 29, 34, 42
GND
Ground.
3
VREF
2.4 V Reference. Bypass to ground with a 0.1 μF microwave chip capacitor.
5
ENCODE
Encode Input. Conversion initiated on rising edge.
6
ENCODE
Complement of ENCODE, Differential Input.
8, 9, 14, 16, 18, 22, 26, 28, 30
AVCC
5 V Analog Power Supply.
11
AIN
Analog Input.
12
AIN
Complement of AIN, Differential Analog Input.
20
C1
Internal Voltage Reference. Bypass to ground with a 0.1 μF chip capacitor.
24
C2
Internal Voltage Reference. Bypass to ground with a 0.1 μF chip capacitor.
31
DNC
Do not connect this pin.
32
OVR
Overrange Bit. A logic level high indicates analog input exceeds ±FS.
35
DMID
Output Data Voltage Midpoint. Approximately equal to (DVCC)/2.
36
D0 (LSB)
Digital Output Bit (Least Significant Bit); Twos Complement.
37 to 41, 44 to 50
D1 to D5, D6 to D12
Digital Output Bits in Twos Complement.
51
D13 (MSB)
Digital Output Bit (Most Significant Bit); Twos Complement.
52
DRY
Data-Ready Output.
53 (EPAD)
Exposed Paddle (EPAD)
Exposed Pad. Connect the exposed pad to GND.


Similar Part No. - AD6645ASQZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-801 AD-AD6645ASQZ-801 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
More results

Similar Description - AD6645ASQZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6645ASVZ-80 AD-AD6645ASVZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQZ-80 AD-AD6645ASQZ-80 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645 AD-AD6645_15 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASQ-105 AD-AD6645ASQ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD6645ASVZ-105 AD-AD6645ASVZ-105 Datasheet
776Kb / 24P
   14-Bit, 80 MSPS/105 MSPS A/D Converter
REV. D
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
AD9255BCPZRL7-80 AD-AD9255BCPZRL7-80 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS/80 MSPS
REV. C
logo
National Semiconductor ...
ADC14C065 NSC-ADC14C065 Datasheet
614Kb / 17P
   14-Bit, 65/80/95/105 MSPS A/D Converter
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com