Electronic Components Datasheet Search |
|
DEA1X3A331J Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
DEA1X3A331J Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 72 page 6 2 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2- ød F ±1.0 (in mm) D max. e T max. Lead Code Coating Extension e A3 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Long (A3) ød F ±0.8 D max. e T max. (in mm) Lead Code Coating Extension e B3 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Short (B3) Standard No. Rated Voltage Certified No. UL CSA VDE BSI SEMKO DEMKO FIMKO NEMKO ESTI NSW E37921 1343805 40002796 KM 37901 812163 314578 24195 P08209182 08.0708 6529 AC250V(r.m.s.) UL1414 E384-14 IEC 60384-14 EN 60384-14 EN 60065 (8.8, 14.2) IEC 60384-14 EN 60384-14 IEC 60384-14 EN 60384-14 IEC 60384-14 AS3250 • The certification number might change by the revision of the application standard and the change within the range of acquisition. • Please contact us when the certification of Chinese Safety Standard or South Korean Safety Standard is necessary. s Marking q Type Designation w Nominal Capacitance (Marked with 3 figures) e Capacitance Tolerance r Company Name Code : Made in Taiwan : Made in Thailand t Manufactured Date Code UL Approval Mark CSA Approval Mark VDE Approval Mark BSI Approval Mark SEMKO Approval Mark DEMKO Approval Mark FIMKO Approval Mark NEMKO Approval Mark ESTI Approval Mark Class Code Rated Voltage Mark KH BSI X1Y2 250~ FI N D KH472M X1Y2 BSI q w e r t 8 65 MJ502 250~ Example Item FI N MJ502 8 15 D s Features 1. Operating temperature range guaranteed up to 125 degrees (UL: 85 deg.). 2. Dielectric strength: AC2600V 3. Class X1/Y2 capacitors which are certified by UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/ NSW. 4. Coated with flame-retardant epoxy resin (conforming to UL94V-0 standard). 5. Cost-saving automatic insertion available. s Applications Ideal for use as X/Y capacitors for AC line filter and primary-secondary coupling on switching power supplies and AC adapters. Do not use these products in any Automotive Power train or Safety equipment including Battery charger for Electric Vehicles and Plug-in Hybrid. Only Murata products clearly stipulated as "for Automotive use" on its catalog can be used for automobile applications such as Power train and Safety equipment. Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors s Standard Certification • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C85E.pdf 08.10.29 |
Similar Part No. - DEA1X3A331J |
|
Similar Description - DEA1X3A331J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |