Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2601AIIH-3.3-T1 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # AAT2601AIIH-3.3-T1
Description  Total Power Solution for Portable Applications
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2601AIIH-3.3-T1 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  AAT2601AIIH-3.3-T1 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2601AIIH-3.3-T1 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
AAT2601/2601A
DATA SHEET
Total Power Solution for Portable Applications
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202179B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 19, 2013
Pin Descriptions
Pin #
Symbol
Function
1
EN_TEST
Similar to EN_HOLD but intended for use with the automatic tester or as a hands free enable input pin indi-
cating hands free phone operation with a headset. It is also internally pulled to GND when floating.
2
EN_HOLD
Enable for the system. EN_HOLD must be held high by the processor to maintain core power. It is inter-
nally pulled to GND when floating.
3
EN_KEY
Enable for the system. An internal pull-up resistor keeps the pin pulled up to an internal supply to keep
the system off when there is no CHGIN input. Connect a normally-open pushbutton switch from this pin to
GND. There is an internal 300ms debounce delay circuit to filter noise.
4
ON_KEY
Buffered logic output of the EN_KEY pin with a logic signal from ground to OUT1.
5
EN2
Enable for LDO2 (PowerAnalog or PLL). (Internally pulled low when floating)
6
EN3
Enable for LDO3 (TCXO). (Internally pulled low when floating)
7
EN4
Enable for LDO4 (TX) (Internally pulled low when floating)
8
EN5
Enable for LDO5 (RX) (Internally pulled low when floating)
9
OUT5
Output for LDO5 (RX) (when shut down, pulled down with 10kΩ)
10
OUT4
Output for LDO4 (TX) (when shut down, pulled down with 10kΩ)
11
AVIN2
Analog voltage input. Must be tied to SYSOUT on the PCB.
12
OUT3
Output for LDO3 (TCXO)
13
OUT2
Output for LDO2 (PowerAnalog)
14
AVIN1
Analog voltage input. Must be tied to SYSOUT on the PCB.
15
OUT1
Output for LDO1 (PowerDigital)
16
AGND
Signal ground
17
CNOISE
Noise Bypass pin for the internal reference voltage. Connect a 0.01μF capacitor to AGND.
18
RESET
RESET is the open drain output of a 65ms reset timer. RESET is released after the 50ms timer times out.
RESET is active low and is held low during shutdown. RESET should be tied to a 10K or larger pullup to
OUTBUCK.
19
ADPP
Open Drain output. Will pull low when VCHGIN > 4.5V. When this happens, depending on the status of the
USE_USB pin, the charge current will be reset to the default values (see Battery Charger and I2C Serial
Interface and Programmability section)
20
LX
Step-down Buck converter (Core) switching node. Connect an inductor between this pin and the output.
21
PGND
Power Ground for step-down Buck converter (Core)
22
PVIN
Input power for step-down Buck converter (Core). Must be tied to SYSOUT.
23
OUTBUCK
Feedback input for the step-down Buck converter (Core)
24, 25
SYSOUT
System Power output. Connect to the input voltage pins PIN, AVIN1/2 for the step-down converter and
LDOs and other external supply requirements.
26, 27
BAT
Connect to a Lithium Ion battery.
28
CHGIN
Power input from either external adapter or USB port.
29
USE_USB
When pulled high, fast charge current is set to 100mA regardless of the resistor value present on the
ISET pin. Additionally, the CHGIN-SYSOUT LDO will be disabled and the BAT-SYSOUT load switch will be
enabled.
30
ENBAT
Active low enable for the battery charger (Internally pulled low when floating)
31
TS
Battery Temperature Sense pin with 75μA output current. Connect the battery’s NTC resistor to this pin
and ground.
32
ISET
Charge current programming input pin (Tie a 1k to GND for maximum fast charge current). Can be used
to monitor charge current.
33
CT
Charger Safety Timer Pin. A 0.1μF ceramic capacitor should be connected between this pin and GND. Con-
nect directly to GND to disable the timer function.
34
STAT
Battery charging status pin output. Connected internally between GND and OUT1 (PowerDigital). Used to
monitor battery charge status.
35
SDA
I2C serial data pin, open drain; requires a pullup resistor.
36
SCL
I2C serial clock pin, open drain; requires a pullup resistor.
EP
EP
The exposed thermal pad (EP) must be connected to board ground plane and pins 16 and 21. The ground
plane should include a large exposed copper pad under the package for thermal dissipation (see package
outline).


Similar Part No. - AAT2601AIIH-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
AAT2601BIIH-T1 SKYWORKS-AAT2601BIIH-T1 Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601IIH-T1 ANALOGICTECH-AAT2601IIH-T1 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2601AIIH-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550_08 Datasheet
782Kb / 34P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com