Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28367DJ Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP28367DJ
Description  1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28367DJ Datasheet(HTML) 9 Page - Monolithic Power Systems

  MP28367DJ Datasheet HTML 1Page - Monolithic Power Systems MP28367DJ Datasheet HTML 2Page - Monolithic Power Systems MP28367DJ Datasheet HTML 3Page - Monolithic Power Systems MP28367DJ Datasheet HTML 4Page - Monolithic Power Systems MP28367DJ Datasheet HTML 5Page - Monolithic Power Systems MP28367DJ Datasheet HTML 6Page - Monolithic Power Systems MP28367DJ Datasheet HTML 7Page - Monolithic Power Systems MP28367DJ Datasheet HTML 8Page - Monolithic Power Systems MP28367DJ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MP28367 – 1A, 21V, 1.4MHz STEP-DOWN CONVERTER IN A TSOT23-6
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP28367 Rev. 0.9
www.MonolithicPower.com
9
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
TSOT23-6
0.30
0.50
SEATING PLANE
0.95 BSC
0.84
0.90
1.00 MAX
0.00
0.10
TOP VIEW
FRONT VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
2.80
3.00
1.50
1.70
2.60
3.00
1
3
4
6
0.09
0.20
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB.
6) DRAWING IS NOT TO SCALE.
7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM
LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
0.30
0.50
0o-8o
0.25 BSC
GAUGE PLANE
2.60
TYP
1.20
TYP
0.95
BSC
0.60
TYP
SEE DETAIL "A"
DETAIL “A”
AAAA
PIN 1
See Note 7
EXAMPLE
TOP MARK


Similar Part No. - MP28367DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP28368DG MPS-MP28368DG Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
MP28369DK MPS-MP28369DK Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
More results

Similar Description - MP28367DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
   0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP2259 MPS-MP2259 Datasheet
325Kb / 9P
   1A, 16V, 1.4MHz Step-Down Converter
MP2459 MPS-MP2459 Datasheet
886Kb / 13P
   0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
MPQ2456 MPS-MPQ2456 Datasheet
741Kb / 14P
   0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com