Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP28368DG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP28368DG
Description  1.8A, 24V, 1.4MHz Step-Down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28368DG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP28368DG Datasheet HTML 1Page - Monolithic Power Systems MP28368DG Datasheet HTML 2Page - Monolithic Power Systems MP28368DG Datasheet HTML 3Page - Monolithic Power Systems MP28368DG Datasheet HTML 4Page - Monolithic Power Systems MP28368DG Datasheet HTML 5Page - Monolithic Power Systems MP28368DG Datasheet HTML 6Page - Monolithic Power Systems MP28368DG Datasheet HTML 7Page - Monolithic Power Systems MP28368DG Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP28368 – 1.8A, 24V, 1.4MHz STEP-DOWN CONVERTER
MP28368 Rev. 0.9
www.MonolithicPower.com
4
12/13/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise noted.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
Start-up through Enable
VIN = 12V, VOUT = 3.3V,
IOUT = 2A Resistive Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
Start-up through Enable
VIN = 12V, VOUT = 3.3V, No Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
2A/div.
Shut-down through Enable
VIN = 12V, VOUT = 3.3V,
IOUT = 2A Resistive Load
Short Circuit Entry
VIN = 12V, VOUT = 3.3V
IL
2A/div.
VOUT
2V/div.
IL
2A/div.
VSW
10V/div.
VEN
5V/div.
VOUT
2V/div.
IL
2A/div.
Shut-down through Enable
VIN = 12V, VOUT = 3.3V, No Load
Short Circuit Recovery
VIN = 12V, VOUT = 3.3V
VOUT
2V/div.
IL
2A/div.
400ns/div.
Steady State Test
VIN = 12V, VOUT = 3.3V, IOUT = 0.5A
VOUT
20mV/div.
VSW
10V/div.
IL
500mA/div.
VOUT
AC Coupled
200mV/div.
IL
1A/div.
ILOAD
1A/div.
Load Transient Test
VIN = 12V, VOUT = 3.3V


Similar Part No. - MP28368DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28367DJ MPS-MP28367DJ Datasheet
367Kb / 9P
   1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
MP28369DK MPS-MP28369DK Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
More results

Similar Description - MP28368DG

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP2360 MPS-MP2360 Datasheet
343Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
MP2270 MPS-MP2270 Datasheet
411Kb / 10P
   1.8A, 24V, 700kHz Step-Down Converter
MP2371 MPS-MP2371 Datasheet
655Kb / 10P
   1.8A, 24V, 700KHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
Richtek Technology Corp...
RT8259 RICHTEK-RT8259 Datasheet
209Kb / 13P
   1.2A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2360DG-00B MPS-EV2360DG-00B Datasheet
156Kb / 4P
   1.8A, 24V, 1.4MHz Step-Down Converter in 2mm x 2mm QFN8 Evaluation Board
logo
Fitipower Integrated Te...
FR9702 FITIPOWER-FR9702 Datasheet
753Kb / 14P
   23V, 1.8A, 1.4MHz Asynchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com