Electronic Components Datasheet Search |
|
GQM1875C2E5R6CB12D Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
GQM1875C2E5R6CB12D Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 30 page Unit: mm Chip Structure Chip Dimensions L T e e g Chip Capacitor c ba Land Solder Resist Land Pattern Dimensions GQM Data Sheet Capacitance Range Dielectric (Ceramic) Plating (Sn) Barrier (Ni) Termination (Cu) Inner Electrode (Cu) Series EIA size L W T e g min. GQM187 0603 1.6+/-0.15 0.8+/-0.15 0.7+/-0.1 0.2 to 0.5 0.5 GQM188 0603 1.6+/-0.1 0.8+/-0.1 0.8+/-0.1 GQM219 0805 2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7 0.7 NEW GQM22M 1111 2.8+/-0.5 2.8+/-0.4 1.15+/-0.2 0.3 min. 1.0 Flow Soldering Series a b c GQM18 0.6 ~ 1.0 0.8 ~ .0.9 0.6 ~ 0.8 GQM21 1.0 ~ 1.2 0.9 ~ 1.0 0.8 ~ 1.1 GQM22 n/a n/a n/a Re-Flow Soldering Series a b c GQM18 0.6 ~ 1.0 0.8 ~ .0.9 0.6 ~ 0.8 GQM21 1.0 ~ 1.2 0.9 ~ 1.0 0.8 ~ 1.1 GQM22 2.2 ~ 2.5 0.8 ~ 1.0 1.9 ~ 2.3 Chip Dimensions Table Series TC WV Capacitance Range 1pF 10pF 100pF pF GQM187 C0G 250V 0.1 to 47 pF GQM188 C0G 100V 0.1 to 6.8 pF 50V 7.0 to 100 pF GQM219 C0G 250V 0.2 to 100 pF 100V 0.2 to 18 pF 50V 20 to 100 pF GQM22M C0G 500V 0.5 to 100 pF Product ID Series Dimension (LxW) Dimension (T) Code Product GQ High Q Code Product M Tin Plated Termination Code Dimension (LxW) 18 1.6x0.8mm 21 2.0x1.25mm 22 2.8x2.8mm Code Dimension (T) 7 0.7mm 8 0.8mm 9 0.85mm M 1.15mm Temperature Characteristics Rated Voltage Capacitance Code TC Cap. Change Operating Temp.Range 5C C0G 0+/-30ppm/°C -55 to 125°C Code Rated Voltage 1H DC 50V 2A DC 100V 2E DC 250V 2H DC 500V Code Capacitance R50 0.5pF 1R0 1.0pF 5R6 5.6pF 100 10pF Capacitance Tolerance Code Cap. Tol. TC W +/-0.05pF C0G (<=5pF) B +/-0.1pF C0G (<=5pF) C +/-0.25pF C0G (<=9pF) D +/-0.5pF C0G (6 to 9pF) F +/-1% C0G (>=10pF) G +/-2% J +/-5% Individual Specification Code Packaging Code Packaging B Bulk in nylon bag D 180mm Paper Taping L 180mm Paper Taping J 330mm Paper Taping K 330mm Paper Taping Capacitance Range Global Part Numbering Series EIA size L W T e g min. GQM187 0603 1.6+/-0.15 0.8+/-0.15 0.7+/-0.1 0.2 to 0.5 0.5 GQM188 0603 1.6+/-0.1 0.8+/-0.1 0.8+/-0.1 GQM219 0805 2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7 0.7 NEW GQM22M 1111 2.8+/-0.5 2.8+/-0.4 1.15+/-0.2 0.3 min. 1.0 Flow Soldering Series a b c GQM18 0.6 ~ 1.0 0.8 ~ .0.9 0.6 ~ 0.8 GQM21 1.0 ~ 1.2 0.9 ~ 1.0 0.8 ~ 1.1 GQM22 n/a n/a n/a Re-Flow Soldering Series a b c GQM18 0.6 ~ 1.0 0.8 ~ .0.9 0.6 ~ 0.8 GQM21 1.0 ~ 1.2 0.9 ~ 1.0 0.8 ~ 1.1 GQM22 2.2 ~ 2.5 0.8 ~ 1.0 1.9 ~ 2.3 Chip Dimensions Table Series TC WV Capacitance Range 1pF 10pF 100pF pF GQM187 C0G 250V 0.1 to 47 pF GQM188 C0G 100V 0.1 to 6.8 pF 50V 7.0 to 100 pF GQM219 C0G 250V 0.2 to 100 pF 100V 0.2 to 18 pF 50V 20 to 100 pF GQM22M C0G 500V 0.5 to 100 pF Product ID Series Dimension (LxW) Dimension (T) Code Product GQ High Q Code Product M Tin Plated Termination Code Dimension (LxW) 18 1.6x0.8mm 21 2.0x1.25mm 22 2.8x2.8mm Code Dimension (T) 7 0.7mm 8 0.8mm 9 0.85mm M 1.15mm Temperature Characteristics Rated Voltage Capacitance Code TC Cap. Change Operating Temp.Range 5C C0G 0+/-30ppm/°C -55 to 125°C Code Rated Voltage 1H DC 50V 2A DC 100V 2E DC 250V 2H DC 500V Code Capacitance R50 0.5pF 1R0 1.0pF 5R6 5.6pF 100 10pF Capacitance Tolerance Code Cap. Tol. TC W +/-0.05pF C0G (<=5pF) B +/-0.1pF C0G (<=5pF) C +/-0.25pF C0G (<=9pF) D +/-0.5pF C0G (6 to 9pF) F +/-1% C0G (>=10pF) G +/-2% J +/-5% Individual Specification Code Packaging Code Packaging B Bulk in nylon bag D 180mm Paper Taping L 180mm Paper Taping J 330mm Paper Taping K 330mm Paper Taping Capacitance Range Global Part Numbering Series EIA size L W T e g min. GQM187 0603 1.6+/-0.15 0.8+/-0.15 0.7+/-0.1 0.2 to 0.5 0.5 GQM188 0603 1.6+/-0.1 0.8+/-0.1 0.8+/-0.1 GQM219 0805 2.0+/-0.15 1.25+/-0.15 0.85+/-0.15 0.2 to 0.7 0.7 NEW GQM22M 1111 2.8+/-0.5 2.8+/-0.4 1.15+/-0.2 0.3 min. 1.0 Flow Soldering Series a b c GQM18 0.6 ~ 1.0 0.8 ~ .0.9 0.6 ~ 0.8 GQM21 1.0 ~ 1.2 0.9 ~ 1.0 0.8 ~ 1.1 GQM22 n/a n/a n/a Re-Flow Soldering Series a b c GQM18 0.6 ~ 1.0 0.8 ~ .0.9 0.6 ~ 0.8 GQM21 1.0 ~ 1.2 0.9 ~ 1.0 0.8 ~ 1.1 GQM22 2.2 ~ 2.5 0.8 ~ 1.0 1.9 ~ 2.3 Chip Dimensions Table Series TC WV Capacitance Range 1pF 10pF 100pF pF GQM187 C0G 250V 0.1 to 47 pF GQM188 C0G 100V 0.1 to 6.8 pF 50V 7.0 to 100 pF GQM219 C0G 250V 0.2 to 100 pF 100V 0.2 to 18 pF 50V 20 to 100 pF GQM22M C0G 500V 0.5 to 100 pF Product ID Series Dimension (LxW) Dimension (T) Code Product GQ High Q Code Product M Tin Plated Termination Code Dimension (LxW) 18 1.6x0.8mm 21 2.0x1.25mm 22 2.8x2.8mm Code Dimension (T) 7 0.7mm 8 0.8mm 9 0.85mm M 1.15mm Temperature Characteristics Rated Voltage Capacitance Code TC Cap. Change Operating Temp.Range 5C C0G 0+/-30ppm/°C -55 to 125°C Code Rated Voltage 1H DC 50V 2A DC 100V 2E DC 250V 2H DC 500V Code Capacitance R50 0.5pF 1R0 1.0pF 5R6 5.6pF 100 10pF Capacitance Tolerance Code Cap. Tol. TC W +/-0.05pF C0G (<=5pF) B +/-0.1pF C0G (<=5pF) C +/-0.25pF C0G (<=9pF) D +/-0.5pF C0G (6 to 9pF) F +/-1% C0G (>=10pF) G +/-2% J +/-5% Individual Specification Code Packaging Code Packaging B Bulk in nylon bag D 180mm Paper Taping L 180mm Paper Taping J 330mm Paper Taping K 330mm Paper Taping Capacitance Range Global Part Numbering Unit: mm Chip Structure Chip Dimensions L T e e g Chip Capacitor c ba Land Solder Resist Land Pattern Dimensions GQM Data Sheet Capacitance Range Dielectric (Ceramic) Plating (Sn) Barrier (Ni) Termination (Cu) Inner Electrode (Cu) Unit: mm Chip Structure Chip Dimensions L T e e g Chip Capacitor c ba Land Solder Resist Land Pattern Dimensions GQM Data Sheet Capacitance Range Dielectric (Ceramic) Plating (Sn) Barrier (Ni) Termination (Cu) Inner Electrode (Cu) Application Specific Capacitors High Frequency Ceramic Capacitors – GQM Series GQM Data Sheet Innovator in Electronics – 21 C-29-C www .murata.com Innovator in Electronics – 21 C-29-C www .murata.com www .murata.com www .murata.com www .murata.com C-34-B |
Similar Part No. - GQM1875C2E5R6CB12D |
|
Similar Description - GQM1875C2E5R6CB12D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |