Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSBFB500KJ58R1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # CSBFB500KJ58R1
Description  How th check US RoHS Comliant of Our Products is here
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSBFB500KJ58R1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  CSBFB500KJ58R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Search
Home> Search Engine> Catalog: CSBFB_J
Resonators > CERALOCK (kHz) > Series
How to check EU RoHS Comliant of Our Products is here.
Please approve our product specifications or to transact the approval sheet for product specifications
before ordering. Please read rating and !Cautions first.
Product specifications in this catalog are as of January 2008.
Product Lifecycle Stage in Production
Recommended Rank
Preferred
Specification
Minimum Quantity
Global Part
Number
CSBFB_J
Previous Part
Number
CSBF_J
Oscillating
Frequency
430 to 519kHz, 700 to 1250kHz
Initial Tolerance
±0.5%
Temp. Stability
±0.3%
Temperature
Range
-20 to 80°C
Wash
Available
Ultrasonic Wash
Available
Capacitor
External
Frequency
Tolerance
Available in
±0.3%,±0.2%,±1kHz,±2kHz
Use
Airtightness
Washable
180mm Paper Tape
180mm Embossed Tape
330mm Paper Tape
330mm Embossed Tape
Bulk Case
Bulk(Bag)
Ammo Pack
320Reel
Magazine
Box
Details
?
Part Numbering
?
Appearance_(430_to_519kHz)
?
Dimensions_(430_to_519kHz)
?
Appearance/Dimensions_(700_to_1250kHz)
?
Features_and_Applications
?
Temperature_Characteristics
?
Basic_Oscillation_Circuit
?
Standard_Land_Pattern_Dimensions_
(430_to_519kHz)
?
Standard_Land_Pattern_Dimensions_
(700_to_1250kHz)
?
Notice_(storage_and_operating_condition)
?
Notice_(rating)
?
Notice_(soldering_and_mounting)_
(430_to_519kHz)
?
Notice_(soldering_and_mounting)_
(700_to_1250kHz)
?
Notice_(handling)
?
Packaging_(430_to_519kHz)
?
Packaging_(700_to_1250kHz)
?
Minimum_Quantity[Supplementation]
All products and company names herein are trademarks or registered trademarks of their respective owners.
| Site Map | History | Terms of use | Privacy Policy |


Similar Part No. - CSBFB500KJ58R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSBFB500KJ58-R1 MURATA-CSBFB500KJ58-R1 Datasheet
182Kb / 3P
   compatible with automatic placement equipment
logo
Murata Manufacturing Co...
CSBFB500KJ58-R1 MURATA1-CSBFB500KJ58-R1 Datasheet
297Kb / 2P
   Crystal Units/MEMS Resonators
02/26/2024
CSBFB500KJ58-R1 MURATA1-CSBFB500KJ58-R1_V01 Datasheet
297Kb / 2P
   Crystal Units/MEMS Resonators
02/26/2024
More results

Similar Description - CSBFB500KJ58R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSTCE16M0V53C-R0 MURATA-CSTCE16M0V53C-R0 Datasheet
108Kb / 1P
   How to check EU Rohs Comliant of OYR Products is here
CSTLS4M00G56-A0 MURATA-CSTLS4M00G56-A0 Datasheet
63Kb / 1P
   How to check EU RoHS Comliant of Our Products
logo
KODENSHI_AUK CORP.
BL15-1101H KODENSHI-BL15-1101H Datasheet
116Kb / 3P
   The luminous strength is twice compared with our existing products
logo
Analog Devices
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
   Here is a picture of the contents that come with
logo
ECS, Inc.
ECS-3X10X ECS-ECS-3X10X_17 Datasheet
520Kb / 2P
   These products represent our selection of miniature tubular high frequency crystals
logo
JILIN SINO-MICROELECTRO...
T0835NMP JSMC-T0835NMP Datasheet
248Kb / 6P
   RoHS products
T1635NZP JSMC-T1635NZP Datasheet
225Kb / 6P
   RoHS products
logo
STMicroelectronics
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
   The aim of this note is to show how to connect
logo
FENGJUI TECHNOLOGY CO.,...
CM0504F FENGJUI-CM0504F Datasheet
203Kb / 2P
   EMI SOLOTION PRODUCTS-RoHS
CM1211F FENGJUI-CM1211F Datasheet
223Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com