Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2614 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # AAT2614
Description  Step-Down DC/DC Converter with Quad High PSRR LDOs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT2614 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  AAT2614 Datasheet HTML 1Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 2Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 3Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 4Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 5Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 6Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT2614 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AAT2614
DATA SHEET
Step-Down DC/DC Converter with Quad High PSRR LDOs
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202209B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013
Electrical Characteristics1
VINB = VINL1 = VINL2 = 3.6V, L = 2.2μH, CINL1, 2 = 2.2μF, CINB = 4.7μF, COUTB = 10μF, VINLx = VOUTLx +0.7V, VENLx = VINLx , COUL1,
2, 3, 4 = 1μF, TA= 25
o
C unless otherwise noted.
Symbol Description
Conditions
Min Typ Max
Units
PMU Operation
VIN
Input Voltage
2.5
5.5
V
UVLO
Under-Voltage Lockout
Rising
1.9
V
Hysteresis
100
mV
TSD
Thermal Shutdown
Threshold
140
°C
Hysteresis
15
°C
IQ
Quiescent Current
VENB > 1.5V, VENL1,2,3,4 >1.5V, no load
260
420
μA
Logic Control
VIH
Input Logic High Threshold
ENL1, ENL2, ENL3, ENL4, ENB
1.5
VINB
V
VIL
Input Logic Low Threshold
ENL1, ENL2, ENL3, ENL4, ENB
0.4
V
DC-DC Step-Down Converter
ISHDN
Shutdown Current from INB Pin
VENB < 0.4V, VENL 1, 2, 3, 4 < 0.4V
0.1
1
μA
IQ
Quiescent Current
VENL 1, 2, 3, 4 < 0.4V , VENB >1.5V , IOUTB = 0mA
120
280
μA
ILIM
P-Channel Current Limit
VINB = 2.7V to 5.5V
800
mA
VOUT_ACC
Output Voltage Accuracy
TA = -40°C to 85°C, 20mA load
-3
3
%
FSW
Operating Switching Frequency
1.7
MHz
RDS(ON)H
High-Side Switch On Resistance
IOUTB = 200mA
230
IOUTB = 200mA, VINB = 2.5V
280
RDS(ON)L
Low-Side Switch On Resistance
IOUTB = 200mA
180
IOUTB = 200mA, VINB = 2.5V
220
LDO
ISHDN
Shutdown Current
VENB = VENL < 0.4V
1
μA
ILIM
Output Current Limit
RLOAD = 1Ω
500
600
mA
VDROP
Dropout Voltage
IOUTL = 300mA
500
mV
VOUTL_ACC
Output Voltage Accuracy
TA = -40°C to 85°C, 1mA load
-3
3
%
ΔVOUTL/
IOUTL
Load Regulation
1mA < IOUTL < 300mA
0.3
0.6
%
VOUTL/
VINL
Line Regulation
VINL1 = VINL2 = 2.7V to 5.5V
0.2
%/V
PSRR
Power Supply Rejection Ratio
COUT1,2,3,4 = 1μF,
VINL = VOUTL1,2,3,4 + 1V
f = 100Hz
IOUT = 10mA
75
dB
IOUT = 150mA
75
f = 1kHz
IOUT = 10mA
70
IOUT = 150mA
70
f = 10kHz
IOUT = 10mA
50
IOUT = 150mA
50
VOUTL_TC
Output Voltage Temperature
Coefficient
100
ppm/°C


Similar Part No. - AAT2614

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Advanced Analogic Techn...
AAT2610IIC ANALOGICTECH-AAT2610IIC Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610IIC-T1 SKYWORKS-AAT2610IIC-T1 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
More results

Similar Description - AAT2614

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step-Down DC-DC Converter With
LP8728-Q1 TI1-LP8728-Q1_14 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com