Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7142ACPZ-1REEL1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7142ACPZ-1REEL1
Description  Programmable Controller for Capacitance Touch Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7142ACPZ-1REEL1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7142ACPZ-1REEL1 Datasheet HTML 4Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 5Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 6Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 7Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 8Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 9Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 10Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 11Page - Analog Devices AD7142ACPZ-1REEL1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
AD7142
Rev. A | Page 7 of 72
I2C TIMING SPECIFICATIONS (AD7142-1)
TA = −40°C to +85°C; VDRIVE = 1.65 V to 3.6 V; AVCC, DVCC = 2.6 V to 3.6 V, unless otherwise noted. Sample tested at 25°C to ensure
compliance. All input signals timed from a voltage level of 1.6 V.
Table 5. I2C Timing Specifications1
Parameter
Limit
Unit
Description
fSCLK
400
kHz max
t1
0.6
μs min
Start condition hold time, tHD; STA
t2
1.3
μs min
Clock low period, tLOW
t3
0.6
μs min
Clock high period, tHIGH
t4
100
ns min
Data setup time, tSU; DAT
t5
300
ns min
Data hold time, tHD; DAT
t6
0.6
μs min
Stop condition setup time, tSU; STO
t7
0.6
μs min
Start condition setup time, tSU; STA
t8
1.3
μs min
Bus free time between stop and start conditions, tBUF
tR
300
ns max
Clock/data rise time
tF
300
ns max
Clock/data fall time
1 Guaranteed by design, not production tested.
SCLK
SDATA
tR
tF
t2
t5
t1
t3
t4
STOP START
STOP
START
t7
t6
t1
t8
Figure 4. I2C Detailed Timing Diagram


Similar Part No. - AD7142ACPZ-1REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142ACPZ-1REEL AD-AD7142ACPZ-1REEL Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
More results

Similar Description - AD7142ACPZ-1REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7142 AD-AD7142_17 Datasheet
1Mb / 70P
   Programmable Controller for Capacitance Touch Sensors
AD7142 AD-AD7142_15 Datasheet
958Kb / 73P
   Programmable Controller for Capacitance Touch Sensors
REV. A
AD7143 AD-AD7143 Datasheet
1,006Kb / 56P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7143 AD-AD7143_17 Datasheet
589Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
AD7143 AD-AD7143_15 Datasheet
784Kb / 57P
   Programmable Controller for Capacitance Touch Sensors
REV. 0
AD7148 AD-AD7148 Datasheet
1Mb / 56P
   Programmable Touch Controller for Single Electrode Capacitance Sensors
REV. 0
AD7147 AD-AD7147_15 Datasheet
889Kb / 73P
   CapTouch Programmable Controller for Single-Electrode Capacitance Sensors
REV. D
AD7147 AD-AD7147 Datasheet
1Mb / 68P
   CapTouch??Programmable Controller for Single-Electrode Capacitance Sensors
REV. 0
logo
Texas Instruments
TSC2301 TI1-TSC2301_15 Datasheet
1Mb / 94P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com