Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2ADA670HL4L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DLP2ADA670HL4L
Description  Common Mode Choke Coil Film Type (Array)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP2ADA670HL4L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DLP2ADA670HL4L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLP2ADA670HL4L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Film Type (Array)
2012.9.6
oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
Continued from the preceding page.
c Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
3000
B
Bulk(Bag)
500
c Rated Value (p: packaging code)
Part Number
Common Mode Impedance
(at 100MHz/20°C)
Rated Current Rated Voltage
Insulation Resistance (min.)
Withstand Voltage DC Resistance
Operating
Temperature Range
DLP2ADA350HL4
p
35ohm ±20%
150mA
5Vdc
100M ohm
12.5Vdc
0.8ohm±25%
-40 to +85°C
DLP2ADA670HL4
p
67ohm ±20%
130mA
5Vdc
100M ohm
12.5Vdc
1.0ohm±25%
-40 to +85°C
DLP2ADA900HL4
p
90ohm ±20%
120mA
5Vdc
100M ohm
12.5Vdc
1.4ohm±25%
-40 to +85°C
DLP2ADN670HL4
p
67ohm ±20%
140mA
5Vdc
100M ohm
12.5Vdc
1.3ohm±25%
-40 to +85°C
DLP2ADN900HL4
p
90ohm ±20%
130mA
5Vdc
100M ohm
12.5Vdc
1.7ohm±25%
-40 to +85°C
DLP2ADN121HL4
p
120ohm ±20%
120mA
5Vdc
100M ohm
12.5Vdc
2.0ohm±25%
-40 to +85°C
DLP2ADN161HL4
p
160ohm ±20%
100mA
5Vdc
100M ohm
12.5Vdc
2.5ohm±25%
-40 to +85°C
DLP2ADN201HL4
p
200ohm ±20%
90mA
5Vdc
100M ohm
12.5Vdc
3.2ohm±25%
-40 to +85°C
DLP2ADN241HL4
p
240ohm ±20%
80mA
5Vdc
100M ohm
12.5Vdc
3.8ohm±25%
-40 to +85°C
DLP2ADN281HL4
p
280ohm ±20%
80mA
5Vdc
100M ohm
12.5Vdc
4.6ohm±25%
-40 to +85°C
Number of Circuit: 2
c !Caution/Notice
!Caution (Rating)
Do not use products beyond the rated current and
rated voltage as this may create excessive heat
and deteriorate the insulation resistance.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.


Similar Part No. - DLP2ADA670HL4L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP2ADA670HL4L MURATA1-DLP2ADA670HL4L Datasheet
349Kb / 3P
   2 components are included in 2.0x1.0mm size
Last updated07/26/2022
More results

Similar Description - DLP2ADA670HL4L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP0NSN121HL2L MURATA-DLP0NSN121HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type
logo
Murata Manufacturing Co...
DLP11SA350HL2X MURATA1-DLP11SA350HL2X Datasheet
169Kb / 3P
   Common Mode Choke Coil Film Type
2011.9.8
logo
Murata Manufacturing Co...
DLP11SN900HL2L MURATA-DLP11SN900HL2L Datasheet
137Kb / 3P
   Common Mode Choke Coil Film Type
DLP0QS MURATA-DLP0QS Datasheet
77Kb / 2P
   Common Mode Choke Coil Film Type
DLP2ADN161HL4L MURATA-DLP2ADN161HL4L Datasheet
79Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
DLP2ADN900HL4L MURATA-DLP2ADN900HL4L Datasheet
79Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP2AD Series (0804 Size)
DLP31DN900ML4L MURATA-DLP31DN900ML4L Datasheet
46Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP31D Series (1206 Size)
DLP0NSN900HL2L MURATA-DLP0NSN900HL2L Datasheet
95Kb / 2P
   Common Mode Choke Coil Film Type DLP0NS Series (03025 Size)
logo
DONG IL TECHNOLOGY LTD.
LS6 DIT-LS6 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
logo
Sumida Corporation
CPFC43 SUMIDA-CPFC43 Datasheet
50Kb / 1P
   Common Mode Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com