Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSS9NT31H223Q55B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DSS9NT31H223Q55B
Description  Leaded EMIFIL (Three-terminal Capacitor type) Standard Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS9NT31H223Q55B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DSS9NT31H223Q55B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSS9NT31H223Q55B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSS9NT31H223Q55B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSS9NT31H223Q55B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
Noise Suppression Products/EMI Suppression Filters > Leaded EMIFIL
r (Three-terminal Capacitor type) > Standard Type
2012.9.6
oThis data sheet is applied for Lead EMIFILr Capacitor Type used for General Electronics equipment for your design.
c Equivalent Circuit
GND
No polarity.
c Rated Value (p: lead type/packaging code)
Part Number
Capacitance
Rated Voltage
Rated Current
Operating
Temperature Range
DST9NC52A271
p
270pF ±20%
100Vdc
7A
-25 to +85°C
DST9NC52A222
p
2200pF ±20%
100Vdc
7A
-25 to +85°C
DST9NC51H223
p
22000pF 50/-20%
50Vdc
7A
-25 to +85°C
Rated current is 6A for taping type and its lead diameter is phi 0.6mm and three terminal in line arrangement.
c Equivalent Circuit
GND
No polarity.
Continued from the preceding page.
c Packaging
Minimum Quantity
Lead Type/Packaging
Minimum Order Quantity (order in sets only) (Pcs.)
Part Number
Ammo Pack
Bulk (Bag)
2000
250 Q55
500 Q54/Q56
1000
200 Q55
250 Q50/Q52
ø320mm
Paper reel
Q55B
Q50B
Q52B
Q54B
Q56B
T41B
T51B
Q91A
Q92A
Q93A
U21A
U31A
All series
All series
DSS6N
DST9N/H
DST9N
DS
p6, DSN9N/H
DSN6/9, DSS6
DSS6N
25.0 min.
4.0±0.5
6.0±1.0
4.0±0.5
6.0±1.0
4.0±0.5
25.0 min.
20.0±1.0
16.5±1.0
18.5±1.0
16.5±1.0
18.5±1.0
Code
Lead Length* (in mm)
Bulk
Ammo Pack
Packaging
Straight
Incrimp
Straight
Incrimp
Lead Type
Series
*Lead Distance between Reference and Bottom Planes except Bulk.
DSN9 Series
DST9 Series
Continued on the following page.
DSN9N Series
DST9N Series


Similar Part No. - DSS9NT31H223Q55B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS9NT31H223 MURATA-DSS9NT31H223 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
More results

Similar Description - DSS9NT31H223Q55B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DSS6NC52A102Q93A MURATA-DSS6NC52A102Q93A Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NZ82A103Q55B MURATA-DSS6NZ82A103Q55B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSS6NC52A221T51B MURATA-DSS6NC52A221T51B Datasheet
154Kb / 5P
   Leaded EMIFIL (Three-terminal Capacitor type) Small Type
DSN9NC51H223Q54B MURATA-DSN9NC51H223Q54B Datasheet
129Kb / 4P
   Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
DSN6NC51H222Q55B MURATA-DSN6NC51H222Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type
DSS6NC52A471Q55B MURATA-DSS6NC52A471Q55B Datasheet
154Kb / 5P
   Leaded EMIFILr (Three-terminal Capacitor type) Small Type DSN6/DSS6 Series
58251 MURATA-58251 Datasheet
44Kb / 2P
   Chip EMIFIL Capacitor Type
NFA31CC222R1E4D MURATA-NFA31CC222R1E4D Datasheet
62Kb / 2P
   EMIFIL (Capacitor type) Array
NFM55PC155F1H4B MURATA-NFM55PC155F1H4B Datasheet
45Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
NFM18PS105R0J3D MURATA-NFM18PS105R0J3D Datasheet
60Kb / 1P
   EMIFIL (Capacitor type) Single Circuit Type for Large Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com