Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7225KRZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7225KRZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225KRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7225KRZ Datasheet HTML 6Page - Analog Devices AD7225KRZ Datasheet HTML 7Page - Analog Devices AD7225KRZ Datasheet HTML 8Page - Analog Devices AD7225KRZ Datasheet HTML 9Page - Analog Devices AD7225KRZ Datasheet HTML 10Page - Analog Devices AD7225KRZ Datasheet HTML 11Page - Analog Devices AD7225KRZ Datasheet HTML 12Page - Analog Devices AD7225KRZ Datasheet HTML 13Page - Analog Devices AD7225KRZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7225
Rev. C | Page 10 of 24
INTERFACE LOGIC INFORMATION
The AD7225 contains two registers per DAC, an input register
and a DAC register. The A0 and A1 address lines select which
input register accepts data from the input port. When the WR
signal is low, the input latches of the selected DAC are transpa-
rent. The data is latched into the addressed input register on the
rising edge of
Table 5
WR.
shows the addressing for the input
registers on the AD7225.
Table 5. AD7225 Addressing
A1
A0
Selected Input Register
Low
Low
DAC A
Low
High
DAC B
High
Low
DAC C
High
High
DAC D
Only the data held in the DAC register determines the analog
output of the converter. The LDAC signal is common to all four
DACs and controls the transfer of information from the input
registers to the DAC registers. Data is latched into all four DAC
registers simultaneously on the rising edge of LDAC. The LDAC
signal is level triggered and therefore the DAC registers can be
made transparent by tying LDAC low (in this case, the outputs
of the converters respond to the data held in their respective
input latches). LDAC is an asynchronous signal and is indepen-
dent of WR. This is useful in many applications. However, in
systems where the asynchronous LDAC can occur during a
write cycle (or vice versa), care must be taken to ensure that
incorrect data is not latched through to the output. If LDAC is
activated prior to the rising edge of WR (or WR occurs during
LDAC), LDAC must stay low for t6or longer after WR
Table 6. Truth Table
goes high
to ensure correct data is latched through to the output. Table 6
shows the truth table for AD7225 operation. Figure 12 shows
the input control logic for the part; the write cycle timing
diagram is given in Figure 13.
WR
LDAC
Function
High
High
No operation. Device not selected.
Low
High
Input register of selected DAC transparent.
High
Input register of selected DAC latched.
High
Low
All four DAC registers Transparent (that is,
outputs respond to data held in respective
input registers). Input registers are latched.
High
All four DAC registers latched.
Low
Low
DAC registers and selected input register
transparent output follows input data for
selected channel.
TO INPUT
LATCH A
TO INPUT
LATCH B
TO ALL
DAC LATCHES
TO INPUT
LATCH C
TO INPUT
LATCH D
LDAC
A0
A1
WR
Figure 12. Input Control Logic
ADDRESS
DATA IN
LDAC
WR
5V
5V
5V
0V
5V
0V
DATA
VALID
VINH
VINL
t2
t3
t1
t6
t5
t4
NOTES
1. ALL INPUT SIGNAL RISE AND FALL TIMES MEASURED FROM
10% TO 90% OF 5V.
tR = tF = 20ns OVER VDD RANGE.
2. TIMING MEASUREMENT REFERENCE LEVEL IS
3. IF LDAC IS ACTIVATED PRIOR TO THE RISING EDGE OF WR,
THEN IT MUST STAY LOW FOR
t6 OR LONGER AFTER WR
GOES HIGH.
VINH + VINL
2
Figure 13. Write Cycle Timing Diagram


Similar Part No. - AD7225KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225KR AD-AD7225KR Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
More results

Similar Description - AD7225KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7225 AD-AD7225 Datasheet
339Kb / 12P
   LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. B
AD7225 AD-AD7225_15 Datasheet
400Kb / 24P
   LC MOS Quad 8-Bit DAC with Separate Reference Inputs
REV. C
AD7836 AD-AD7836 Datasheet
174Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7836ASZ AD-AD7836ASZ Datasheet
176Kb / 12P
   LC2MOS Quad 14-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com