Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7501KQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7501KQ
Description  CMOS 4-/8-Channel Analog Multiplexers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7501KQ Datasheet(HTML) 3 Page - Analog Devices

  AD7501KQ Datasheet HTML 1Page - Analog Devices AD7501KQ Datasheet HTML 2Page - Analog Devices AD7501KQ Datasheet HTML 3Page - Analog Devices AD7501KQ Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD7501/AD7502/AD7503
–3–
REV. B
ORDERING GUIDE
Temperature
Package
Model
l
Range
Options
2
AD7501KN
0
°C to +70°C
N-16
AD7501KQ
–25
°C to +85°C
Q-16
AD7501SQ
–55
°C to +125°C
Q-16
AD7501SE
–55
°C to +125°C
E-20A
AD7502KN
0
°C to +70°C
N-16
AD7502KQ
–25
°C to +85°C
Q-16
AD7502SQ
–55
°C to +125°C
Q-16
AD7502SE
–55
°C to +125°C
E-20A
AD7503KN
0
°C to +70°C
N-16
AD7503KQ
–25
°C to +85°C
Q-16
AD7503SQ
–55
°C to +125°C
Q-16
AD7503SE
–55
°C to +125°C
E-20A
NOTES
1To order MIL-STD-883, Class B processed parts, add/883B to part number.
See the Analog Devices’ 1990 Military Databook for military data sheet.
2E = LCC; N = PDIP; Q = CERDIP.
PIN CONFIGURATIONS
Typical Performance Characteristics
Figure 1a. RON vs. VS At Different Power
Supplies
Figure 1b. RON vs. VS At Different
Temperatures
Figure 2a. Digital Threshold Voltage
(VINH, VINL) vs. Power Supply
Figure 2b. Digital Threshold Voltage
(VINH, VINL) vs. Temperature
LCC
Figure 3. tON, tOFF vs. Digital Input
Voltage
Figure 4. Power Dissipation vs. Logic
Frequency (50% Duty Cycle)
PDIP
CERDIP


Similar Part No. - AD7501KQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501KQ AD-AD7501KQ Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
AD7501KQ AD-AD7501KQ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501KQ AD-AD7501KQ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
More results

Similar Description - AD7501KQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
   CMOS 4/8 Channel Analog Multiplexers
REV. B
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKNZ AD-ADG508AKNZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
REV. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
   CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
   CMOS 4-/8-Channel Analog Multiplexers
Rev. D
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com