Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDO4054B-3 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MDO4054B-3
Description  Mixed Domain Oscilloscopes
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MDO4054B-3 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MDO4054B-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers MDO4054B-3 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model overview
MDO4014B-3
MDO4034B-3
MDO4054B-3
MDO4054B-6
MDO4104B-3
MDO4104B-6
Analog channels
4
4
4
4
4
4
Analog channel bandwidth
100 MHz
350 MHz
500 MHz
500 MHz
1 GHz
1 GHz
Rise time
3.5 ns
1 ns
700 ps
700 ps
350 ps
350 ps
Sample rate (1 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
Sample rate (2 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
5 GS/s
5 GS/s
Sample rate (4 ch)
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
2.5 GS/s
Record length (1 ch)
20M
20M
20M
20M
20M
20M
Record length (2 ch)
20M
20M
20M
20M
20M
20M
Record length (4 ch)
20M
20M
20M
20M
20M
20M
Digital channels
16
16
16
16
16
16
Spectrum analyzer channels
1
1
1
1
1
1
Spectrum analyzer frequency range
9 kHz - 3 GHz
9 kHz - 3 GHz
9 kHz - 3 GHz
9 kHz - 6 GHz
9 kHz - 3 GHz
9 kHz - 6 GHz
Spectrum analyzer input
Span
1 kHz - 3 GHz (MDO4XX4B-3 models) or 1 kHz - 6 GHz (MDO4XX4B-6 models)
Span adjustable in a 1-2-5 sequence
Variable resolution = 1% of the next span setting
Resolution bandwidth range
The resolution bandwidth range for windowing functions is as follows:
Kaiser (default): 20 Hz - 200 MHz
Rectangular: 10 Hz - 200 MHz
Hamming: 10 Hz - 200 MHz
Hanning: 10 Hz - 200 MHz
Blackman-Harris: 20 Hz - 200 MHz
Flat-top: 30 Hz - 200 MHz
Adjusted in a 1-2-3-5 sequence
RBW shape factor (Kaiser)
60 dB / 3 dB shape factor: ≥ 4:1
Reference level
Setting range: -140 dBm to +30 dBm in steps of 1 dB
Input vertical range
Vertical measurement range: +30 dBm to DANL
Vertical setting of 1 dB/div to 20 dB/div in a 1-2-5 sequence
Vertical position
-100 divs to +100 divs
Vertical units
dBm, dBmV, dBµV, dBµW, dBmA, dBµA
Mixed Domain Oscilloscopes — MDO4000B Series
www.tektronix.com 11


Similar Part No. - MDO4054B-3

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
MDO4054C TEKTRONIX-MDO4054C Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
More results

Similar Description - MDO4054B-3

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
MDO3000 TEKTRONIX-MDO3000 Datasheet
2Mb / 40P
   Mixed Domain Oscilloscopes
3SERIESMDO TEKTRONIX-3SERIESMDO Datasheet
2Mb / 36P
   Mixed Domain Oscilloscopes
MDO4000C TEKTRONIX-MDO4000C Datasheet
2Mb / 46P
   Mixed Domain Oscilloscopes
logo
List of Unclassifed Man...
MSO4000B ETC2-MSO4000B Datasheet
1Mb / 26P
   Mixed Signal Oscilloscopes
MSO2000B ETC2-MSO2000B Datasheet
1Mb / 18P
   Mixed Signal Oscilloscopes
logo
Teledyne Technologies I...
MS-500 TELEDYNE-MS-500 Datasheet
1Mb / 8P
   Mixed Signal Oscilloscopes
logo
TEKTRONIX, INC.
MSO2000B TEKTRONIX-MSO2000B Datasheet
961Kb / 18P
   Mixed Signal Oscilloscopes
MSO3000 TEKTRONIX-MSO3000 Datasheet
2Mb / 20P
   Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
MSO5000B ETC2-MSO5000B Datasheet
2Mb / 28P
   Mixed Signal Oscilloscopes
DPO3EMBD ETC2-DPO3EMBD Datasheet
1Mb / 22P
   Mixed Signal Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com