Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8079ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8079ARZ
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8079ARZ Datasheet HTML 4Page - Analog Devices AD8079ARZ Datasheet HTML 5Page - Analog Devices AD8079ARZ Datasheet HTML 6Page - Analog Devices AD8079ARZ Datasheet HTML 7Page - Analog Devices AD8079ARZ Datasheet HTML 8Page - Analog Devices AD8079ARZ Datasheet HTML 9Page - Analog Devices AD8079ARZ Datasheet HTML 10Page - Analog Devices AD8079ARZ Datasheet HTML 11Page - Analog Devices AD8079ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD8079
REV. A
–8–
8
7
6
2
1
5
4
3
VOUT #1
75
75
CABLE
75
VOUT #2
75
75
CABLE
75
75
75
CABLE
VIN
+VS
–VS
VOUT #3
75
75
CABLE
75
VOUT #4
75
75
CABLE
75
1/2
AD8079
1/2
AD8079
4.7µF
4.7µF
0.1µF
0.1µF
Figure 26. Video Line Driver
Single-Ended to Differential Driver Using an AD8079
The two halves of an AD8079 can be configured to create a
single-ended to differential high speed driver with a –3 dB band-
width in excess of 110 MHz as shown in Figure 27. Although
the individual op amps are each current feedback with internal
feedback resistors, the overall architecture yields a circuit with
attributes normally associated with voltage feedback amplifiers,
while offering the speed advantages inherent in current feedback
amplifiers. In addition, the gain of the circuit can be changed by
varying a single resistor, RF, which is often not possible in a dual
op amp differential driver.
50
OUTPUT #1
50
OUTPUT #2
RG
750
RF 750Ω
1/2
AD8079
1/2
AD8079
OP AMP #1
OP AMP #2
VIN
CC = 1.5pF
Figure 27. Differential Line Driver
VOUT
RF
( INTERNAL)
RN
I BI
I BN
RI
( INTERNAL)
RSERIES
CL
Figure 24. Output Offset Voltage
Driving Capacitive Loads
The AD8079 was designed primarily to drive nonreactive loads.
If driving loads with a capacitive component is desired, best
frequency response is obtained by the addition of a small series
output resistance (RSERIES). The graph in Figure 25 shows the
optimum value for RSERIES vs. capacitive load. It is worth noting
that the frequency response of the circuit when driving large
capacitive loads will be dominated by the passive roll-off of
RSERIES and CL.
CL – pF
40
30
0
025
5
10
15
20
20
10
Figure 25. Recommended RSERIES vs. Capacitive Load
Operation as a Video Line Driver
The AD8079 has been designed to offer outstanding perfor-
mance as a video line driver. The important specifications of
differential gain (0.01%) and differential phase (0.02
°) meet the
most exacting HDTV demands for driving one video load with
each amplifier. The AD8079 also drives four back terminated
loads (two each), as shown in Figure 26, with equally impressive
performance (0.01%, 0.07
°). Another important consideration is
isolation between loads in a multiple load application. The
AD8079 has more than 40 dB of isolation at 5 MHz when driv-
ing two 75
Ω back terminated loads.


Similar Part No. - AD8079ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079ARZ AD-AD8079ARZ Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079 AD-AD8079_15 Datasheet
351Kb / 12P
   Dual 260 MHz Gain 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com