Electronic Components Datasheet Search |
|
CF1050 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
CF1050 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page Foamtips™ #100 Foamtips™ #110 Foamtips™ #120 Product Number Package Count Swab Length Head Material Head Width/Length Handle Material Handle Thickness CF50 50 Swabs 6.10" (15.5 cm) 100 ppi Open Cell Foam 0.38" x 0.88" (9.6 mm x 22.3 mm) Wood 0.06" x 0.06" (1.5 mm x 1.5 mm) Product Number Package Count Swab Length Head Material Head Width/Length Handle Material Handle Thickness CF1050 50 Swabs 5" (12.7 cm) 100 ppi Open Cell Foam 0.82" x 0.38" (20.8 mm x 9.7 mm) Polypropylene 0.19" x 0.13" (4.8 mm x 3.3 mm) Product Number Package Count Swab Length Head Material Head Width/Length Handle Material Handle Thickness CF2050 50 Swabs 5.12" (13.0 cm) 100 ppi Open Cell Foam 0.50" x 1.00" (12.7 mm x 25.4 mm) Polypropylene 0.19" x 0.05" (4.8 mm x 1.3 mm) Page 2 of 3 Chemtronics Swabs and Applicators 29/06/2006 http://www.chemtronics.com/products/product.asp?id=378 |
Similar Part No. - CF1050 |
|
Similar Description - CF1050 |