Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECE20US09 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECE20US09
Description  PCB & Chassis Mount Versions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECE20US09 Datasheet(HTML) 2 Page - XP Power Limited

  ECE20US09 Datasheet HTML 1Page - XP Power Limited ECE20US09 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
ECE20/40
0.80 ±0.01
(20.3 ±0.3)
1.07
(27.2)
0.40 ±0.01
(10.1 ±0.3)
1.80 ±0.01 (45.7 ±0.3)
0.13
(3.4)
0.13
(3.4)
4 x ø0.04 (ø1.0)
2.06 (52.4)
+Vo
-Vo
ACL
ACN
TOP VIEW
0.91
(23.0)
0.39
(10.0)
0.39 (10.0)
1.10
(27.9)
4x ø 0.04 (ø1.0)
1.50
(38.1)
0.59
(15.0)
1.18
(30.0)
0.16
(4.1)
2.85 (72.4)
0.13 (3.2)
3.10 (78.7)
-Vo
+Vo
ACL
ACN
TOP VIEW
3.01 (76.4)
1.57
(40.0)
0.44
(11.2)
ACN
ACL
3.43 (87.0)
TOP VIEW
4x ø0.14
(4x ø3.5)
0.84
(21.3)
-Vo
+Vo
1.20
(30.5)
1.12
(28.5)
0.39 (10.0)
0.27
(6.8)
0.10
(2.5)
3.78 (96.0)
Optional
DIN clip
Mechanical Details
ECE20
ECE40
ECE40 Screw Terminal (S)
Models and Ratings
Output Power
Output Voltage
Output Current
Efficiency(4)
Model Number
Nominal
Peak(1)
13.5 W
3.3 VDC
4.50 A
5.85 A
73%
ECE20US03
20.0 W
5.0 VDC
4.00 A
5.20 A
77%
ECE20US05
20.0 W
9.0 VDC
2.22 A
2.89 A
83%
ECE20US09
20.0 W
12.0 VDC
1.67 A
2.17 A
82%
ECE20US12
20.0 W
15.0 VDC
1.33 A
1.73 A
83%
ECE20US15
20.0 W
24.0 VDC
0.83 A
1.08 A
82%
ECE20US24
20.0 W
48.0 VDC
0.42 A
0.55 A
86%
ECE20US48
35.0 W
3.3 VDC
9.00 A
11.70 A
73%
ECE40US03(2)(3)
40.0 W
5.0 VDC
8.00 A
10.40 A
77%
ECE40US05(2)(3)
40.0 W
9.0 VDC
4.44 A
5.77 A
80%
ECE40US09(2)(3)
40.0 W
12.0 VDC
3.33 A
4.33 A
84%
ECE40US12(2)(3)
40.0 W
15.0 VDC
2.67 A
3.47 A
84%
ECE40US15(2)(3)
40.0 W
24.0 VDC
1.67 A
2.17 A
85%
ECE40US24(2)(3)
40.0 W
48.0 VDC
0.83 A
1.08 A
86%
ECE40US48(2)(3)
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output
power not to exceed nominal power.
2. Add suffix -S to model number to denote chassis mount with screw terminal type,
e.g. ECE40US12-S.Only available with ECE40 models.
3. A screw terminal versions (-S) is available with DIN Clip attached. Add suffix
‘D’, e.g. ECE40US24-SD. DIN Rail mounting clip is available as a separate
item, order code ECL25/30 DIN CLIP.
4. Average of efficiencies measured at 25%, 50%, 75% & 100% load with 230
VAC input.
5. 3.3 & 5 V ECE40-S versions meet 75 mV pk-pk with 20 MHz bandwidth and
0.1 µF capacitor across output terminals.
1. Dimensions in inches (mm).
2. Weight: ECE20: 0.13 lbs (60 g)
ECE40: 0.33 lbs (150 g)
ECE40 Optional Screw Terminal: 0.37 lbs (170 g)
3. Tolerances: x.xx = ± 0.02 (x.x = ± 0.5), x.xxx = ± 0.01 (x.xx = ± 0.25)
Notes


Similar Part No. - ECE20US09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
542Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 1/2006
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
739Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
logo
Ecliptek Corporation
ECE-20-30.000M-GA ECLIPTEK-ECE-20-30.000M-GA Datasheet
109Kb / 3P
   CRYSTAL
ECE-20-30.000M-GTR ECLIPTEK-ECE-20-30.000M-GTR Datasheet
109Kb / 3P
   CRYSTAL
ECE-20-30.000M-I2A ECLIPTEK-ECE-20-30.000M-I2A Datasheet
109Kb / 3P
   CRYSTAL
More results

Similar Description - ECE20US09

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG56A AEC-DG56A Datasheet
390Kb / 3P
   PCB versions available
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
List of Unclassifed Man...
SF4120 ETC2-SF4120 Datasheet
75Kb / 1P
   GENERAL PURPOSE CHASSIS MOUNTED FILTER STANDARD & MEDICAL VERSIONS
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
logo
TRIAD MAGNETICS
N-5MG TRIAD-N-5MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-7MG TRIAD-N-7MG Datasheet
40Kb / 1P
   CHASSIS MOUNT : Autotransformer
N-250MG TRIAD-N-250MG Datasheet
43Kb / 1P
   CHASSIS MOUNT : Autotransformer
F-302U TRIAD-F-302U Datasheet
132Kb / 1P
   CHASSIS MOUNT : Autotransformer
F-361U TRIAD-F-361U Datasheet
60Kb / 1P
   Chassis Mount: Universal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com