Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQ0231X0E1R0WE01L Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GQ0231X0E1R0WE01L
Description  Chip Monolithic Ceramic Capacitors
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQ0231X0E1R0WE01L Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GQ0231X0E1R0WE01L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GQ0231X0E1R0WE01L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 237 page
background image
(
c GRM Series Temperature Compensating Type)
p46
p46
p46
p46
p46
p46
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p47
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p48
p49
p49
p49
p49
p50
p50
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p51
p52
p52
p52
p52
p53
p53
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p54
p55
p55
p55
p55
p55
p55
p56
p56
p56
p57
p57
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p58
p59
p59
p59
p59
p60
p60
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p61
p62
p62
p62
p62
p62
p62
p62
p62
L×W (mm)
T max. (mm)
Rated Voltage (Vdc)
Cap. / TC Code
0.5pF
1.0pF
2.0pF
3.0pF
4.0pF
5.0pF
6.0pF
7.0pF
8.0pF
9.0pF
10pF
12pF
15pF
18pF
22pF
27pF
33pF
39pF
47pF
56pF
68pF
82pF
100pF
120pF
150pF
180pF
220pF
270pF
330pF
390pF
470pF
560pF
680pF
820pF
1000pF
1200pF
1500pF
1800pF
2200pF
2700pF
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
10000pF
12000pF
15000pF
18000pF
22000pF
S
Δ
S2H
T
Δ
T2H
U
Δ
SL
UJ
U2J
SL
UJ
U2J
SL
UJ
U2J
C
Δ
C0G
C
Δ
C0G
SL
UJ
U2J
SL
50
10
50
10
100
50
10
1.0×0.5
0.55
0.5
1.6×0.8
0.9
CK
P2H
R2H
S2H
T2H
U2J
CJ
CH
SL
PK
PJ
PH
RK
RJ
RH
SK
SJ
SH
TK
TJ
TH
UK
UJ
C0G
p00
Part Number List
JIS:
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
The indication for every 0.1 pF has
been omitted for less than 10 pF.
Refer to the Part Number List for
details.
C02E.pdf
Oct.1,2012
separate volume 2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - GQ0231X0E1R0WE01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GQ0231X0E1R0WE01L MURATA-GQ0231X0E1R0WE01L Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GQ0231X0E1R0WE01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com