Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1143-011 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMV1143-011
Description  Hyperabrupt Junction Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1143-011 Datasheet(HTML) 1 Page - Alpha Industries

  SMV1143-011 Datasheet HTML 1Page - Alpha Industries SMV1143-011 Datasheet HTML 2Page - Alpha Industries SMV1143-011 Datasheet HTML 3Page - Alpha Industries SMV1143-011 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Characteristic
Value
Reverse Voltage (VR)
12 V
Forward Current (IF)
20 mA
Power Dissipation (PD)
250 mW
Storage Temperature (TST)
-55°C to +150°C
Operating Temperature (TOP)
-55°C to +125°C
Absolute Maximum Ratings
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Hyperabrupt Junction Tuning Varactors
Features
s Frequency Linear Design
s Low Series Resistance
s Available in the SOD-323 and SC-79
Packages
s Designed for High Volume Commercial
Applications
s SPICE Models are Available
SMV1142–SMV1148
Description
The SMV1142–SMV1148 series of silicon hyperabrupt
junction varactor diodes are specifically designed with an
increasing gamma vs. voltage characteristic. This
characteristic will result in improved VCO frequency-voltage
linearity, in comparison to a conventional hyperabrupt
junction varactor. This family of varactors is characterized
for capacitance and resistance over temperature. SPICE
models are provided.
o Available through distribution.
For other packages or configurations, please contact the factory.
Single
Single
SC-79
SOD-323
o SMV1142-011
o SMV1143-011
o SMV1144-011
o SMV1145-079
o SMV1145-011
o SMV1146-011
o SMV1147-011
o SMV1148-011
LS = 0.7 nH
LS = 1.5 nH


Similar Part No. - SMV1143-011

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1143-011 SKYWORKS-SMV1143-011 Datasheet
200Kb / 6P
   Hyperabrupt Junction Tuning Varactors
SMV1143-011LF SKYWORKS-SMV1143-011LF Datasheet
200Kb / 6P
   Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1143-011

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com