Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7876CR-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD7876CR-REEL
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7876CR-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD7876CR-REEL Datasheet HTML 1Page - Analog Devices AD7876CR-REEL Datasheet HTML 2Page - Analog Devices AD7876CR-REEL Datasheet HTML 3Page - Analog Devices AD7876CR-REEL Datasheet HTML 4Page - Analog Devices AD7876CR-REEL Datasheet HTML 5Page - Analog Devices AD7876CR-REEL Datasheet HTML 6Page - Analog Devices AD7876CR-REEL Datasheet HTML 7Page - Analog Devices AD7876CR-REEL Datasheet HTML 8Page - Analog Devices AD7876CR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7870/AD7875/AD7876
Rev. C | Page 5 of
28
Parameter
AD7875/AD78761
Units
Test Conditions/Comments
K, B
L, C
T
ANALOG INPUT
AD7875 Input Voltage Range
0 to +5
0 to +5
0 to +5
V
AD7875 Input Current
500
500
500
μA max
AD7876 Input Voltage Range
±10
±10
±10
V
AD7876 Input Current
±600
±600
±600
μA max
REFERENCE OUTPUT
REF OUT @ +25°C
2.99
2.99
2.99
V min
3.01
3.01
3.01
V max
REF OUT Tempco
±60
±35
±60
ppm/°C max
Typical tempco Is ±20 ppm/°C
Reference Load Sensitivity
(ΔREF OUT/ΔI)
−1
−1
−1
mV max
Reference load current change (0 μA to 500 μA).
Reference load should not be changed during
conversion.
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
±10
μA max
VIN = 0 V to VDD
Input Current (12/8/CLK Input Only)
±10
±10
±10
μA max
VIN = VSS to VDD
Input Capacitance, CIN5
10
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
4.0
V min
ISOURCE = 40 mA
Output Low Voltage, VOL
0.4
0.4
0.4
V max
ISINK = 1.6 mA
DB11–DB0
Floating-State Leakage Current
10
10
10
μA max
Floating-State Output
Capacitance5
15
15
15
pF max
CONVERSION TIME
External Clock (fCLK = 2.5 MHz)
8
8
8
μs max
Internal Clock
6.5/9
6.5/9
6.5/9
μs min/μs
max
POWER REQUIREMENTS
As per AD7870
Refer to the power requirements in Table 1.
1 For the AD7875, the temperature range for the K and L versions is from 0°C to +70°C; for the B and C versions is−40°C to +85°C; and for the T version is −55°C to
+125°C. For the AD7876, the temperature range for the B and C versions is from −40°C to +85°C and for the T version is−55°C to +125°C.
2 Includes internal reference error and is calculated after unipolar offset error (AD7875) or bipolar zero error (AD7876) has been adjusted out. Full-scale error refers to
both positive and negative full-scale error for the AD7876.
3 Dynamic performance parameters are not tested on the AD7876, but these are typically the same as for the AD7875.
4 SNR calculation includes distortion and noise components.
5 Sample tested @ +25°C to ensure compliance.


Similar Part No. - AD7876CR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7876CR AD-AD7876CR Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

Similar Description - AD7876CR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com