Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV1211-001 Datasheet(PDF) 4 Page - Alpha Industries

Part # SMV1211-001
Description  Hyperabrupt Junction Tuning Varactors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMV1211-001 Datasheet(HTML) 4 Page - Alpha Industries

  SMV1211-001 Datasheet HTML 1Page - Alpha Industries SMV1211-001 Datasheet HTML 2Page - Alpha Industries SMV1211-001 Datasheet HTML 3Page - Alpha Industries SMV1211-001 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Hyperabrupt Junction Tuning Varactors
SMV1211–SMV1215
4
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
SOT-23
3
2
1
0.035 (0.89 mm) MIN.
0.044 (1.12 mm) MAX.
0.0005 (0.01 mm) MIN.
0.004 (0.10 mm) MAX.
0.012 (0.30 mm) MIN.
0.020 (0.50 mm) MAX.
0.003 (0.080 mm) MIN.
0.008 (0.20 mm) MAX.
8˚ MAX.
0.022 (0.55 mm) REF.
0.110 (2.80 mm) MIN.
0.120 (3.04 mm) MAX.
0.083 (2.10 mm) MIN.
0.104 (2.64 mm) MAX.
0.037 (0.95 mm) REF.
0.047 (1.20 mm) MIN.
0.055 (1.40 mm) MAX.
0.076 (1.92 mm) REF.
0.020 (0.51 mm) REF.
SOD-323
0.090 (2.30 mm) MIN.
0.108 (2.74 mm) MAX.
0.045 (1.15 mm) MIN.
0.053 (1.35 mm) MAX.
0.050
(1.25 mm) MAX.
0.006
(0.15 mm) TYP.
0.008 (0.20 mm) NOM.
0.004 (0.10 mm) MAX.
0.010 (0.25 mm) MIN.
0.010
(0.25 mm) MIN.
0.016
(0.40 mm) MAX.
0.063 (1.60 mm) MIN.
0.071 (1.80 mm) MAX.
CATHODE
INDICATOR
2
1
SC-79
0.060 (1.50 mm) MIN.
0.067 (1.70 mm) MAX.
0.010
(0.25 mm) MIN.
0.014
(0.35 mm) MAX.
0.043 (1.10 mm) MIN.
0.051 (1.30 mm) MAX.
0.020
(0.50 mm) MIN.
0.028
(0.70 mm) MAX.
0.003
(0.07 mm) MIN.
0.008
(0.20 mm) MAX.
10˚ MAX.
10˚ MAX.
0.028
(0.70 mm) MIN.
0.035
(0.90 mm) MAX.
0.006 (0.15 mm) MIN.
CATHODE
INDICATOR
12
SC-70
3
2
1
0.031 (0.80 mm) MIN.
0.039 (1.00 mm) MAX.
0.000 (0.00 mm) MIN.
0.004 (0.10 mm) MAX.
0.010 (0.25 mm) MIN.
0.016 (0.40 mm) MAX.
0.071 (1.80 mm) MIN.
0.087 (2.20 mm) MAX.
0.071 (1.80 mm) MIN.
0.094 (2.40 mm) MAX.
0.045 (1.15 mm) MIN.
0.053 (1.35 mm) MAX.
0.026 (0.65 mm) REF.
0.051 (1.30 mm) REF.
0.004 (0.10 mm) MIN.
0.007 (0.18 mm) MAX.
0.004 (0.10 mm) MIN.
0.012 (0.30 mm) MAX.
0.014 (0.35 mm) REF.


Similar Part No. - SMV1211-001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMV1211-001 ETC1-SMV1211-001 Datasheet
130Kb / 7P
   Plastic Packaged Surface Mount Varactor Diodes
logo
Skyworks Solutions Inc.
SMV1211-001 SKYWORKS-SMV1211-001 Datasheet
82Kb / 7P
   SMV1211-SMV1215: Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV1211-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com