Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPAKMC332AMFC20 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # SPAKMC332AMFC20
Description  Technical Summary 32-Bit Modular Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPAKMC332AMFC20 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  SPAKMC332AMFC20 Datasheet HTML 1Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 2Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 3Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPAKMC332AMFC20 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
MC68332
MOTOROLA
MC68332TS/D
5
1.1 Features
• Central Processing Unit (CPU32)
— 32-Bit Architecture
— Virtual Memory Implementation
— Table Lookup and Interpolate Instruction
— Improved Exception Handling for Controller Applications
— High-Level Language Support
— Background Debugging Mode
— Fully Static Operation
• System Integration Module (SIM)
— External Bus Support
— Programmable Chip-Select Outputs
— System Protection Logic
— Watchdog Timer, Clock Monitor, and Bus Monitor
— Two 8-Bit Dual Function Input/Output Ports
— One 7-Bit Dual Function Output Port
— Phase-Locked Loop (PLL) Clock System
• Time Processor Unit (TPU)
— Dedicated Microengine Operating Independently of CPU32
— 16 Independent, Programmable Channels and Pins
— Any Channel can Perform any Time Function
— Two Timer Count Registers with Programmable Prescalers
— Selectable Channel Priority Levels
• Queued Serial Module (QSM)
— Enhanced Serial Communication Interface
— Queued Serial Peripheral Interface
— One 8-Bit Dual Function Port
• Static RAM Module with TPU Emulation Capability (TPURAM)
— 2-Kbytes of Static RAM
— May be Used as Normal RAM or TPU Microcode Emulation RAM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - SPAKMC332AMFC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SPAKMC332AMFC20 MOTOROLA-SPAKMC332AMFC20 Datasheet
446Kb / 88P
   32-Bit Modular Microcontroller
logo
Freescale Semiconductor...
SPAKMC332AMFC20 FREESCALE-SPAKMC332AMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332AMFC20 FREESCALE-SPAKMC332AMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332AMFC20 FREESCALE-SPAKMC332AMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
SPAKMC332AMFC20 FREESCALE-SPAKMC332AMFC20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
More results

Similar Description - SPAKMC332AMFC20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
   Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
   Technical Summary 32-Bit Modular Microcontroller
Rev. 2
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
   Technical Summary 8-Bit Microcontroller
logo
Motorola, Inc
MC68HC11F1 MOTOROLA-MC68HC11F1 Datasheet
486Kb / 68P
   Technical Summary 8-Bit Microcontroller
logo
NXP Semiconductors
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68332GCEH25 FREESCALE-MC68332GCEH25 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68332ACEH20 FREESCALE-MC68332ACEH20 Datasheet
343Kb / 88P
   32-Bit Modular Microcontroller
MC68CK331CAG16 FREESCALE-MC68CK331CAG16 Datasheet
598Kb / 84P
   32-Bit Modular Microcontroller
logo
Motorola, Inc
MC68331 MOTOROLA-MC68331 Datasheet
2Mb / 84P
   32-Bit Modular Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com